Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # IL300
Description  LINEAR OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL300 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  IL300 Datasheet HTML 1Page - Siemens Semiconductor Group IL300 Datasheet HTML 2Page - Siemens Semiconductor Group IL300 Datasheet HTML 3Page - Siemens Semiconductor Group IL300 Datasheet HTML 4Page - Siemens Semiconductor Group IL300 Datasheet HTML 5Page - Siemens Semiconductor Group IL300 Datasheet HTML 6Page - Siemens Semiconductor Group IL300 Datasheet HTML 7Page - Siemens Semiconductor Group IL300 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5–4
IL300
Figure 2. LED forward current vs. forward voltage
Figure 3. LED forward current vs. forward voltage
Figure 4. Servo photocurrent vs. LED current and
temperature
Figure 5. Servo photocurrent vs. LED current
and temperatureFigure
1.4
1.3
1.2
1.1
1.0
0
5
10
15
20
25
30
35
VF - LED Forward Voltage - V
1.0
1.1
1.2
1.3
1.4
.1
1
10
100
VF - LED Forward Voltage - V
100
10
1
.1
0
50
100
150
200
250
300
0
°C
25
°C
50
°C
75
°C
IF - LED Current - mA
VD=–15 V
.1
1
10
100
1
10
100
1000
0
°C
25
°C
50
°C
75
°C
IF - LED Current - mA
LED current and temperature
Vd = -15V
VD=–15 V
Figure 6. Normalized servo photocurrent vs. LED
current and temperature
Figure 7. Normalized servo photocurrent vs. LED
current and temperature
Figure 8. Servo gain vs. LED current and temperature
Figure 9. Normalized servo gain vs. LED current
and temperature
25
20
15
10
5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
°C
25
°C
50
°C
75
°C
IF - LED Current - mA
Normalized to:IP1 @ IF=10 mA,
TA=25°C,
VD=–15 V
100
10
1
.1
.01
.1
1
10
0
°C
25
°C
50
°C
75
°C
IF - LED Current - mA
Normalized to IP1 @ IF=10 mA,
TA=25°C,
VD=–15 V
100
10
1
.1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF - LED Current - mA
0
°
25
°
50
°
75
°
85
°
.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF - LED Current - mA
0
°
25
°
50
°
75
°
100
°
Normalized to:
IF=10 mA, TA=25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com