Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # IL300
Description  LINEAR OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL300 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  IL300 Datasheet HTML 1Page - Siemens Semiconductor Group IL300 Datasheet HTML 2Page - Siemens Semiconductor Group IL300 Datasheet HTML 3Page - Siemens Semiconductor Group IL300 Datasheet HTML 4Page - Siemens Semiconductor Group IL300 Datasheet HTML 5Page - Siemens Semiconductor Group IL300 Datasheet HTML 6Page - Siemens Semiconductor Group IL300 Datasheet HTML 7Page - Siemens Semiconductor Group IL300 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5–8
IL300
These amplifiers provide either an inverting or non-inverting
transfer gain based upon the type of input and output amplifier.
Table 2 shows the various configurations along with the spe-
cific transfer gain equations. The offset column refers to the
calculation of the output offset or Vref2 necessary to provide a
zero voltage output for a zero voltage input. The non-inverting
input amplifier requires the use of a bipolar supply, while the
inverting input stage can be implemented with single supply
operational amplifiers that permit operation close to ground.
For best results, place a buffer transistor between the LED and
output of the operational amplifier when a CMOS opamp is
used or the LED IFq drive is targeted to operate beyond 15 mA.
Finally the bandwidth is influenced by the magnitude of the
closed loop gain of the input and output amplifiers. Best band-
widths result when the amplifier gain is designed for unity.
Figure 22. Non-inverting and inverting amplifiers
Table 2. Optolinear amplifiers
Amp[ifier
Input
Output
Gain
Offset
Non-Inverting
Inverting
Inverting
Non-Inverting
Non-Inverting
Inverting
Inverting
Non-Inverting
Non-Inverting
Inverting
Vcc
20pF
4
1
2
3
4
8
7
6
5
+Vref2
R5
R6
7
2
4
3
Vo
R4
R3
–Vref1
Vin
R1
R2
3
7
6
+
+Vcc
100
Ω
6
IL 300
2
–Vcc
–Vcc
Vcc
–Vcc
+
Vcc
Vcc
20pF
4
1
2
3
4
8
7
6
5
+Vref2
7
2
4
3
Vout
R4
R3
+Vref1
Vin
R1
R2
3
7
6
+
+Vcc
100
Ω
6
2
Vcc
Vcc
–Vcc
+
Vcc
–
–
Non-Inverting Input
Non-Inverting Output
Inverting Input
Inverting Output
IL 300
–
–
–Vcc
VOUT K3 R4 R2
VIN
R3 (R1+R2)
=
Vref1 R4 K3
R3
Vref2=
VOUT K3 R4 R2 (R5+R6)
VIN
R3 R5 (R1 +R2)
=
–Vref1 R4 (R5+R6) K3
R3 R6
Vref2=
VOUT –K3 R4 R2 (R5+R6)
VIN
R3 R5 (R1 +R2)
=
Vref1 R4 (R5+R6) K3
R3 R6
Vref2=
VOUT –K3 R4 R2
VIN
R3 (R1 +R2)
=
–Vref1 R4 K3
R3
Vref2=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com