Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # IL300
Description  LINEAR OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL300 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  IL300 Datasheet HTML 1Page - Siemens Semiconductor Group IL300 Datasheet HTML 2Page - Siemens Semiconductor Group IL300 Datasheet HTML 3Page - Siemens Semiconductor Group IL300 Datasheet HTML 4Page - Siemens Semiconductor Group IL300 Datasheet HTML 5Page - Siemens Semiconductor Group IL300 Datasheet HTML 6Page - Siemens Semiconductor Group IL300 Datasheet HTML 7Page - Siemens Semiconductor Group IL300 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5–5
IL300
Figure 10. Transfer gain vs. LED current and temperature
Figure 11. Normalized transfer gain vs. LED current
and temperature
Figure 12. Amplitude response vs. frequency
Figure 13. Amplitude and phase response vs. frequency
25
20
15
10
5
0
0.990
0.995
1.000
1.005
1.010
IF - LED Current - mA
0
°C
25
°C
50
°C
75
°C
0
5
10
15
20
25
0.990
0.995
1.000
1.005
1.010
IF - LED Current - mA
0
°C
25
°C
50
°C
75
°C
Normalized to IF=10 mA, TA=25°C
10 6
10 5
10 4
-20
-15
-10
-5
0
5
F - Frequency - Hz
IF=10 mA, Mod=±2 mA (peak)
RL=10 KΩ
RL=1 KΩ
10 7
10 6
10 5
10 4
10 3
-20
-15
-10
-5
0
5
-180
-135
-90
-45
0
45
dB
PHASE
F - Frequency - Hz
IFq=10 mA
Mod=
±4 mA
TA=25°C
RL=50
Ω
Figure 14. Common mode rejection
Figure 15. Photodiode junction capacitance vs. reverse
voltage
Application Considerations
In applications such as monitoring the output voltage from a
line powered switch mode power supply, measuring bioelectric
signals, interfacing to industrial transducers, or making floating
current measurements, a galvanically isolated, DC coupled
interface is often essential. The IL300 can be used to construct
an amplifier that will meet these needs.
The IL300 eliminates the problems of gain nonlinearity and drift
induced by time and temperature, by monitoring LED output
flux.
A PIN photodiode on the input side is optically coupled to the
LED and produces a current directly proportional to flux falling
on it . This photocurrent, when coupled to an amplifier, provides
the servo signal that controls the LED drive current.
The LED flux is also coupled to an output PIN photodiode. The
output photodiode current can be directly or amplified to sat-
isfy the needs of succeeding circuits.
Isolated Feedback Amplifier
The IL300 was designed to be the central element of DC cou-
pled isolation amplifiers. Designing the IL300 into an amplifier
that provides a feedback control signal for a line powered
switch mode power is quite simple, as the following example
will illustrate.
See Figure 17 for the basic structure of the switch mode supply
using the Siemens TDA4918 Push-Pull Switched Power Supply
Control Chip. Line isolation and insulation is provided by the
high frequency transformer. The voltage monitor isolation will
be provided by the IL300.
10
100
1000
10000
100000
1000000
-130
-120
-110
-100
-90
-80
-70
-60
F - Frequency - Hz
0
2
4
6
8
10
12
14
02
46
8
10
Voltage - Vdet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com