Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # IL300
Description  LINEAR OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL300 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  IL300 Datasheet HTML 1Page - Siemens Semiconductor Group IL300 Datasheet HTML 2Page - Siemens Semiconductor Group IL300 Datasheet HTML 3Page - Siemens Semiconductor Group IL300 Datasheet HTML 4Page - Siemens Semiconductor Group IL300 Datasheet HTML 5Page - Siemens Semiconductor Group IL300 Datasheet HTML 6Page - Siemens Semiconductor Group IL300 Datasheet HTML 7Page - Siemens Semiconductor Group IL300 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5–7
IL300
Table 1 gives the value of R5 given the production K3 bins.
Table 1. R5 selection
The last step in the design is selecting the LED current limiting
resistor (R4). The output of the operational amplifier is targeted
to be 50% of the Vcc, or 2.5 V. With an LED quiescent current of
12 mA the typical LED (VF ) is 1.3 V. Given this and the opera-
tional output voltage, R4 can be calculated.
.
The circuit was constructed with an LM201 differential opera-
tional amplifier using the resistors selected. The amplifier was
compensated with a 100 pF capacitor connected between pins
1 and 8.
The DC transfer charateristics are shown in Figure 19. The
amplifier was designed to have a gain of 0.6 and was mea-
sured to be 0.6036. Greater accurracy can be achieved by
adding a balancing circuit, and potentiometer in the input
divider, or at R5. The circuit shows exceptionally good gain lin-
earity with an RMS error of only 0.0133% over the input voltage
range of 4 V–6 V in a servo mode; see Figure 20.
Figure 19. Transfer gain
Bins
Min.
Max.
K3
Typ.
R5
Resistor
K
Ω
1%
K
Ω
A
0.560
0.623
0.59
50.85
51.1
B
0.623
0.693
0.66
45.45
45.3
C
0.693
0.769
0.73
41.1
41.2
D
0.769
0.855
0.81
37.04
37.4
E
0.855
0.950
0.93
32.26
32.4
F
0.950
1.056
1.00
30.00
30.0
G
1.056
1.175
1.11
27.03
27.0
H
1.175
1.304
1.24
24.19
24.0
I
1.304
1.449
1.37
21.90
22.0
J
1.449
1.610
1.53
19.61
19.4
R4
V
opamp
V
F
–
I
Fq
--------------------------------
2.5V
1.3V
–
12mA
------------------------------
100
Ω
=
=
=
6.0
5.5
5.0
4.5
4.0
2.25
2.50
2.75
3.00
3.25
3.50
3.75
Vin - Input Voltage - V
Vout = 14.4 mV + 0.6036 x Vin
LM 201
Ta = 25
°C
Figure 20. Linearity error vs. input voltage
The AC characteristics are also quite impressive offering a -3
dB bandwidth of 100 KHz, with a -45
° phase shift at 80 KHz as
shown in Figure 21.
Figure 21. Amplitude and phase power supply control
The same procedure can be used to design isolation amplifiers
that accept biploar signals referenced to ground. These amplifi-
ers circuit configurations are shown in Figure 22. In order for the
amplifier to respond to a signal that swings above and below
ground, the LED must be prebiased from a separate source by
using a voltage reference source (Vref1). In these designs, R3
can be determined by the following equation.
6.0
5.5
5.0
4.5
4.0
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
Vin - Input Voltage - V
LM201
10 3
10 4
10 5
10 6
-8
-6
-4
-2
0
2
-180
-135
-90
-45
0
45
dB
PHASE
F - Frequency - Hz
R3
V
ref1
I
P1
-------------
V
ref1
K1I
Fq
---------------
=
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com