Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # IL300
Description  LINEAR OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL300 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  IL300 Datasheet HTML 1Page - Siemens Semiconductor Group IL300 Datasheet HTML 2Page - Siemens Semiconductor Group IL300 Datasheet HTML 3Page - Siemens Semiconductor Group IL300 Datasheet HTML 4Page - Siemens Semiconductor Group IL300 Datasheet HTML 5Page - Siemens Semiconductor Group IL300 Datasheet HTML 6Page - Siemens Semiconductor Group IL300 Datasheet HTML 7Page - Siemens Semiconductor Group IL300 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5–6
IL300
Figure 16. Isolated control amplifier
For best input offset compensation at U1, R2 will equal R3. The
value of R1 can easily be calculated from the following.
The value of R5 depends upon the IL300 Transfer Gain (K3). K3
is targeted to be a unit gain device, however to minimize the
part to part Transfer Gain variation, Siemens offers K3 graded
into
% bins. R5 can determined using the following equa-
tion,
Or if a unity gain amplifer is being designed (V
MONI-
TOR=VOUT, R1=0), the euation simplifies to:
+
-
Voltage
Monitor
R1
R2
To Control
Input
ISO
AMP
+1
R1
R2
V
MONITOR
V
a
---------------------------
1
–



=
20K
Ω 30KΩ
5V
3V
-------1
–


=
5
±
R5
V
OUT
V
MONITOR
---------------------------
R3 R1
R2
+
()
R2K3
-------------------------------------
•
=
R5
R3
K3
-------
=
The isolated amplifier provides the PWM control signal which
is derived from the output supply voltage. Figure 16 more
closely shows the basic function of the amplifier.
The control amplifier consists of a voltage divider and a non-
inverting unity gain stage. The TDA4918 data sheet indicates
that an input to the control amplifier is a high quality operational
amplifier that typically requires a +3V signal. Given this infor-
mation, the amplifier circuit topology shown in Figure 18 is
selected.
The power supply voltage is scaled by R1 and R2 so that
there is +3 V at the non-inverting input (Va) of U1. This voltage
is offset by the voltage developed by photocurrent flowing
through R3. This photocurrent is developed by the optical flux
created by current flowing through the LED. Thus as the
scaled monitor voltage (Va) varies it will cause a change in the
LED current necessary to satisfy the differential voltage
needed across R3 at the inverting input.
The first step in the design procedure is to select the value of
R3 given the LED quiescent current (IFq) and the servo gain
(K1). For this design, IFq=12 mA. Figure 4 shows the servo pho-
tocurrent at IFq is found to be 100 µA. With this data R3 can be
calculated.
R3
V
b
I
Pl
------
3V
100
µA
------------------
=
=
30K
Ω
=
Figure 17. Switch mode power supply
Figure 18. DC coupled power supply feedback amplifier
SWITCH
XFORMER
SWITCH
MODE
REGULATOR
TDA4918
ISOLATED
FEEDBACK
CONTROL
110/
220
MAIN
DC OUTPUT
AC/DC
RECTIFIER
AC/DC
RECTIFIER
8
7
6
5
100 pF
4
3
1
2
8
6
7
K1
V
CC
V
CC
1
2
3
4
K2
V
CC
Vmonitor
R1
20 K
Ω
R2
30 K
Ω
R3
30 K
Ω
R4
100
Ω
Vout
To
control
input
R5
30 K
Ω
IL300
Vb
Va
+
-
U1
LM201



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com