Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7152 Datasheet (PDF) - Analog Devices

ADV7152 Datasheet PDF - Analog Devices
Part # ADV7152
Download  ADV7152 Download
File Size   454.02 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC

ADV7152 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7152 Datasheet PDF - Analog Devices

Part # ADV7152
Download  ADV7152 Click to download

File Size   454.02 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC

ADV7152 Datasheet (HTML) - Analog Devices


ADV7152 Product details

GENERAL DESCRIPTION
The ADV7152 (ADV®) is a complete analog output, Video RAM-DAC on a single CMOS monolithic chip. The part is specifically designed for use in high performance, color graphics workstations. The ADV7152 integrates a number of graphic functions onto one device allowing 24-bit direct True-Color operation at the maximum screen update rate of 220 MHz. The ADV7152 implements 30-bit True Color in 24-bit frame buffer designs. The part also supports other modes, including 15-bit True Color and 8-bit Pseudo or Indexed Color. Either the Red, Green or Blue input pixel ports can be used for Pseudo Color.

FEATURES
   220 MHz, 24-Bit (30-Bit Gamma Corrected) True Color
   Triple 10-Bit “Gamma Correcting” D/A Converters
   Triple 256 3 10 (256 3 30) Color Palette RAM
   On-Chip Clock Control Circuit
   Palette Priority Select Registers
   RS-343A/RS-170 Compatible Analog Outputs
   TTL Compatible Digital Inputs
   Standard MPU l/O Interface
      10-Bit Parallel Structure
      8+2 Byte Structure
   Programmable Pixel Port: 24-Bit and 8-Bit (Pseudo)
   Pixel Data Serializer
   Multiplexed Pixel Input Ports; 1:1, 2:1
   +5 V CMOS Monolithic Construction
   100-Lead Plastic Quad Flatpack (QFP)
   Thermally Enhanced to Achieve uJC < 1.08C/W

MODES OF OPERATION
   24-Bit True Color (30-Bit Gamma Corrected)
      @ 220 MHz
      @ 170 MHz
      @ 135 MHz
      @ 110 MHz
      @ 85 MHz
   8-Bit Pseudo Color
   15-Bit True Color

APPLICATIONS
   High Resolution, True Color Graphics
   Professional Color Prepress Imaging




Similar Part No. - ADV7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
More results


Similar Description - ADV7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV.A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV.0
logo
Texas Instruments
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com