Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7152 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7152
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7152 Datasheet HTML 2Page - Analog Devices ADV7152 Datasheet HTML 3Page - Analog Devices ADV7152 Datasheet HTML 4Page - Analog Devices ADV7152 Datasheet HTML 5Page - Analog Devices ADV7152 Datasheet HTML 6Page - Analog Devices ADV7152 Datasheet HTML 7Page - Analog Devices ADV7152 Datasheet HTML 8Page - Analog Devices ADV7152 Datasheet HTML 9Page - Analog Devices ADV7152 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADV7152
–6–
REV. B
SCKIN
END OF SCAN
LINE (N)
t13
SCKOUT
START OF SCAN
LINE (N+1)
BLANKING PERIOD
t15
t14
BLANK
*INCLUDES PIXEL DATA (R0-R7, G0-G7, B0-B7); PALETTE SELECT INPUTS (PS0-PS1); SYNC; BLANK
Figure 7. Video Data Shift Clock Input (SCKIN) & BLANK vs. Video Data Shift Clock Output (SCKOUT)
CLOCK
t17
10 %
50 %
90 %
t16
t18
WHITE LEVEL
BLACK LEVEL
FULL SCALE
TRANSITION
ANALOG
OUTPUTS
IOR, IOR
IOG, IOG
IOB, IOB
IPLL , SYNCOUT
NOTE:
THIS DIAGRAM IS NOT TO SCALE. FOR THE PURPOSES OF CLARITY,
THE ANALOG OUTPUT WAVEFORM IS MAGNIFIED IN TIME AND
AMPLITUDE W.R.T. THE CLOCK WAVEFORM.
IPLL AND SYNCOUT ARE DIGITAL OUTPUT SIGNALS. t16 IS THE ONLY
RELEVANT OUTPUT TIMING SPECIFICATION FOR IPLL AND SYNCOUT.
Figure 8. Analog Output Response vs. CLOCK
t20
VALID
CONTROL DATA
t21
t23
t26
t27
D0–D9
(READ MODE)
D0–D9
(WRITE MODE)
CE
R/W, C0, C1
R/W = 1
R/W = 0
t19
t22
t25
t24
Figure 9. Microprocessor Port (MPU) Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com