Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7171 Datasheet (PDF) - Analog Devices

ADV7171 Datasheet PDF - Analog Devices
Part # ADV7171
Download  ADV7171 Download
File Size   754.01 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management

ADV7171 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7171 Datasheet PDF - Analog Devices

Part # ADV7171
Download  ADV7171 Click to download

File Size   754.01 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management

ADV7171 Datasheet (HTML) - Analog Devices


ADV7171 Product details

GENERAL DESCRIPTION

The ADV7170/ADV7171 are integrated digital video encoders that convert digital CCIR-601 4:2:2 8- or 16-bit component video data into a standard analog baseband television signal compatible with worldwide standards.



FEATURES

ITU-R1 BT601/656 YCrCb to PAL/NTSC video encoder

High quality 10-bit video DACs

SSAF (super sub-alias filter)

Advanced power management features

CGMS (copy generation management system)

WSS (wide screen signalling)

Simultaneous Y, U, V, C output format

NTSC M, PAL M/N2, PAL B/D/G/H/I, PAL60

Single 27 MHz clock required (×2 oversampling)

80 dB video SNR

32-bit direct digital synthesizer for color subcarrier

Multistandard video output support

  Composite (CVBS)

  Components S-Video (Y/C), YUV, and RGB

  EuroSCART output (RGB + CVBS/LUMA)

  Component YUV + CHROMA

Video input data port supports

  CCIR-656 4:2:2 8-bit parallel input format

  4:2:2 16-bit parallel input format

Programmable simultaneous composite and S-Video or RGB (SCART)/YUV video outputs

Programmable luma filters (low-pass [PAL/NTSC]) notch, extended ( SSAF, CIF, and QCIF)

Programmable chroma filters (low-pass [0.65 MHz, 1.0 MHz, 1.2 MHz and 2.0 MHz], CIF and QCIF)

Programmable VBI (vertical blanking interval)

Programmable subcarrier frequency and phase

Programmable LUMA delay

Individual on/off control of each DAC

CCIR and square pixel operation

Integrated subcarrier locking to external video source

Color signal control/burst signal control

Interlaced/noninterlaced operation

Complete on-chip video timing generator

Programmable multimode master/slave operation

Macrovision® AntiTaping Rev. 7.1 (ADV7170 only)3

Closed captioning support

Teletext insertion port (PAL-WST)

On-board color bar generation

On-board voltage reference

2-wire serial MPU interface (I2C®-compatible and Fast I2C)

Single supply 5 V or 3.3 V operation

Small 44-lead MQFP/TQFP packages

Industrial temperature grade = −40°C to +85°C4



APPLICATIONS

High performance DVD playback systems, portable video equipment including digital still cameras and laptop PCs, video games, PC video/multimedia and digital satellite/cable systems (set-top boxes/IRD)1




Similar Part No. - ADV7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ-REEL AD-ADV7171KSUZ-REEL Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ AD-ADV7171KSZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ-REEL AD-ADV7171KSZ-REEL Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7171WBSZ-REEL AD-ADV7171WBSZ-REEL Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results


Similar Description - ADV7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
2/04-Changed from REV. 0 to REV A.
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com