Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7174 Datasheet (PDF) - Analog Devices

ADV7174 Datasheet PDF - Analog Devices
Part # ADV7174
Download  ADV7174 Download
File Size   488.81 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Chip Scale PAL/NTSC Video Encoder with Advanced Power Management

ADV7174 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7174 Datasheet PDF - Analog Devices

Part # ADV7174
Download  ADV7174 Click to download

File Size   488.81 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Chip Scale PAL/NTSC Video Encoder with Advanced Power Management

ADV7174 Datasheet (HTML) - Analog Devices


ADV7174 Product details

GENERAL DESCRIPTION

The ADV7174/ADV7179 is an integrated digital video encoder that converts digital CCIR-601 4:2:2 8-bit component video data into a standard analog baseband television signal compatible with worldwide standards.



FEATURES

ITU-R1 BT601/BT656 YCrCb to PAL/NTSC video encoder

High quality 10-bit video DACs

SSAF™ (super sub-alias filter)

Advanced power management features

CGMS (copy generation management system)

WSS (wide screen signaling)

NTSC M, PAL N2, PAL B/D/G/H/I, PAL-M3, PAL 60

Single 27 MHz clock required (×2 oversampling)

Macrovision 7.1 (ADV7174 only)

80 dB video SNR

32-bit direct digital synthesizer for color subcarrier

Multistandard video output support:

  Composite (CVBS)

  Component S-video (Y/C)

Video input data port supports:

  CCIR-656 4:2:2 8-bit parallel input format

Programmable simultaneous composite and S-video or RGB

  (SCART)/YPbPr video outputs

Programmable luma filters low-pass [PAL/NTSC] notch,

  extended SSAF, CIF, and QCIF

Programmable chroma filters (low-pass [0.65 MHz, 1.0 MHz,

  1.2 MHz, and 2.0 MHz], CIF, and QCIF)

Programmable VBI (vertical blanking interval)

Programmable subcarrier frequency and phase

Programmable LUMA delay

Individual on/off control of each DAC

CCIR and square pixel operation

Integrated subcarrier locking to external video source

Color signal control/burst signal control

Interlaced/noninterlaced operation

Complete on-chip video timing generator

Programmable multimode master/slave operation

Closed captioning support

Teletext insertion port (PAL-WST)

On-board color bar generation

On-board voltage reference

2-wire serial MPU interface (I2C® compatible and fast I2C)

Single-supply 2.8 V and 3.3 V operation

Small 40-lead 6 mm × 6 mm LFCSP package

−40°C to +85°C at 3.3 V

−20°C to +85°C at 2.8 V



APPLICATIONS

Portable video applications

Mobile phones

Digital still cameras




Similar Part No. - ADV7174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7174 AD-ADV7174 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Similar Description - ADV7174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV.0
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
NTSC/PAL Video Encoder
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
NTSC/PAL Video Encoder
Sep 2003
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com