Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7174 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7174
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174 Datasheet(HTML) 1 Page - Analog Devices

  ADV7174 Datasheet HTML 1Page - Analog Devices ADV7174 Datasheet HTML 2Page - Analog Devices ADV7174 Datasheet HTML 3Page - Analog Devices ADV7174 Datasheet HTML 4Page - Analog Devices ADV7174 Datasheet HTML 5Page - Analog Devices ADV7174 Datasheet HTML 6Page - Analog Devices ADV7174 Datasheet HTML 7Page - Analog Devices ADV7174 Datasheet HTML 8Page - Analog Devices ADV7174 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Chip Scale PAL/NTSC Video Encoder with
Advanced Power Management
ADV7174/ADV7179
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
ITU-R1 BT601/BT656 YCrCb to PAL/NTSC video encoder
High quality 10-bit video DACs
SSAF™ (super sub-alias filter)
Advanced power management features
CGMS (copy generation management system)
WSS (wide screen signaling)
NTSC M, PAL N2, PAL B/D/G/H/I, PAL-M3 , PAL 60
Single 27 MHz clock required (×2 oversampling)
Macrovision 7.1 (ADV7174 only)
80 dB video SNR
32-bit direct digital synthesizer for color subcarrier
Multistandard video output support:
Composite (CVBS)
Component S-video (Y/C)
Video input data port supports:
CCIR-656 4:2:2 8-bit parallel input format
Programmable simultaneous composite and S-video or RGB
(SCART)/YPbPr video outputs
Programmable luma filters low-pass [PAL/NTSC] notch,
extended SSAF, CIF, and QCIF
Programmable chroma filters (low-pass [0.65 MHz, 1.0 MHz,
1.2 MHz, and 2.0 MHz], CIF, and QCIF)
Programmable VBI (vertical blanking interval)
Programmable subcarrier frequency and phase
Programmable LUMA delay
Individual on/off control of each DAC
CCIR and square pixel operation
Integrated subcarrier locking to external video source
Color signal control/burst signal control
Interlaced/noninterlaced operation
Complete on-chip video timing generator
Programmable multimode master/slave operation
Closed captioning support
Teletext insertion port (PAL-WST)
On-board color bar generation
On-board voltage reference
2-wire serial MPU interface (I2C® compatible and fast I2C)
Single-supply 2.8 V and 3.3 V operation
Small 40-lead 6 mm × 6 mm LFCSP package
−40°C to +85°C at 3.3 V
−20°C to +85°C at 2.8 V
APPLICATIONS
Portable video applications
Mobile phones
Digital still cameras
FUNCTIONAL BLOCK DIAGRAM
9
9
8
10
8
8
8
10
8
8
8
10
10
10
10
10
10
I2C MPU PORT
SCLOCK
SDATA
ALSB
HSYNC
FIELD/VSYNC
BLANK
CLOCK
GND
DACA(PIN29)
VREF
RSET
COMP
8
8
8
ADV7174/ADV7179
COLOR
DATA
P7–P0
SCRESET/RTC
DACB(PIN28)
DACC(PIN24)
VAA
Y
U
V
RESET
TELETEXT
INSERTION
BLOCK
YUV TO
RBG
MATRIX
VOLTAGE
REFERENCE
CIRCUIT
REAL-TIME
CONTROL
CIRCUIT
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
M
U
L
T
I
P
L
E
X
E
R
CGMS AND WSS
INSERTION
BLOCK
ADD
SYNC
ADD
BURST
INTER-
POLATOR
SIN/COS
DDS BLOCK
VIDEO TIMING
GENERATOR
PROGRAMMABLE
LUMINANCE
FILTER
PROGRAMMABLE
CHROMINANCE
FILTER
INTER-
POLATOR
POWER
MANAGEMENT
CONTROL
(SLEEP MODE)
YCrCb
TO
YUV
MATRIX
4:2:2 TO
4:4:4
INTER-
POLATOR
TTXREQ
TTX
10
10
10
U
V
Figure 1.
1 ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
2 Throughout the document, N is referenced to PAL – Combination – N.
3 ADV7174 only.
Protected by U.S. Patent Numbers 5,343,196 and 5,442,355 and other intellectual property rights.
Protected by U.S. Patent Numbers 4,631,603, 4,577,216, 4,819,098 and other intellectual property rights. The Macrovision anticopy process is licensed for
noncommercial home use only, which is its sole intended use in the device. Contact the sales office for the latest Macrovision version available.


Similar Part No. - ADV7174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7174 AD-ADV7174 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results

Similar Description - ADV7174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV.0
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
NTSC/PAL Video Encoder
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com