Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7174 Datasheet(PDF) 51 Page - Analog Devices

Part # ADV7174
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADV7174 Datasheet HTML 44Page - Analog Devices ADV7174 Datasheet HTML 45Page - Analog Devices ADV7174 Datasheet HTML 46Page - Analog Devices ADV7174 Datasheet HTML 47Page - Analog Devices ADV7174 Datasheet HTML 48Page - Analog Devices ADV7174 Datasheet HTML 49Page - Analog Devices ADV7174 Datasheet HTML 50Page - Analog Devices ADV7174 Datasheet HTML 51Page - Analog Devices ADV7174 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 51 of 52
Table 26. PAL-60 (FSC = 4.43361875 MHz)
Address
Description
Data
00H
Mode Register 0
04H
01H
Mode Register 1
10H
02H
Mode Register 2
00H
03H
Mode Register 3
00H
04H
Mode Register 4
00H
07H
Timing Register 0
00H
08H
Timing Register 1
00H
09H
Subcarrier Frequency Register 0
CBH
0AH
Subcarrier Frequency Register 1
8AH
0BH
Subcarrier Frequency Register 2
09H
0CH
Subcarrier Frequency Register 3
2AH
0DH
Subcarrier Phase Register
00H
0EH
Closed Captioning Ext Register 0
00H
0FH
Closed Captioning Ext Register 1
00H
10H
Closed Captioning Register 0
00H
11H
Closed Captioning Register 1
00H
12H
Pedestal Control Register 0
00H
13H
Pedestal Control Register 1
00H
14H
Pedestal Control Register 2
00H
15H
Pedestal Control Register 3
00H
16H
CGMS_WSS Register 0
00H
17H
CGMS_WSS Register 1
00H
18H
CGMS_WSS Register 2
00H
19H
Teletext Request Control Register
00H
Table 27. NTSC (FSC = 3.5795454 MHz)
Address
Description
Data
00H
Mode Register 0
00H
01H
Mode Register 1
10H
02H
Mode Register 2
00H
03H
Mode Register 3
00H
04H
Mode Register 4
10H
07H
Timing Register 0
00H
08H
Timing Register 1
00H
09H
Subcarrier Frequency Register 0
1EH1
0AH
Subcarrier Frequency Register 1
7CH
0BH
Subcarrier Frequency Register 2
F0H
0CH
Subcarrier Frequency Register 3
21H
0DH
Subcarrier Phase Register
00H
0EH
Closed Captioning Ext Register 0
00H
0FH
Closed Captioning Ext Register 1
00H
10H
Closed Captioning Register 0
00H
11H
Closed Captioning Register 1
00H
12H
Pedestal Control Register 0
00H
13H
Pedestal Control Register 1
00H
14H
Pedestal Control Register 2
00H
15H
Pedestal Control Register 3
00H
16H
CGMS_WSS Register 0
00H
17H
CGMS_WSS Register 1
00H
18H
CGMS_WSS Register 2
00H
19H
Teletext Request Control Register
00H
1 On power-up, this register is set to 16h. 1Eh should be written here for
correct FSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com