Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7190 Datasheet (PDF) - Analog Devices

ADV7190 Datasheet PDF - Analog Devices
Part # ADV7190
Download  ADV7190 Download
File Size   628.72 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs

ADV7190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7190 Datasheet PDF - Analog Devices

Part # ADV7190
Download  ADV7190 Click to download

File Size   628.72 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs

ADV7190 Datasheet (HTML) - Analog Devices


ADV7190 Product details

GENERAL DESCRIPTION
The ADV7190/ADV7191 is part of the new generation of video encoders from Analog Devices. The device builds on the performance of previous video encoders and provides new features such as Digital Noise Reduction, Gamma Correction, 4¥ Oversampling and 54 MHz operation, Average Brightness Detection, Chroma Delay, an additional Chroma Filter, and so on.

FEATURES
    Six High Quality 10-Bit Video DACs
    Multistandard Video Input
    Multistandard Video Output
    4 Oversampling with Internal 54 MHz PLL
    Programmable Video Control Includes:
        Digital Noise Reduction
        Gamma Correction
        LUMA Delay
        CHROMA Delay
    Multiple Luma and Chroma Filters
    Luma SSAF™ (Super Subalias Filter)
    Average Brightness Detection
    Field Counter
    Macrovision Rev 7.1 (ADV7190 Only)
    CGMS (Copy Generation Management System)
    WSS (Wide Screen Signaling)
    Closed Captioning Support
    Teletext Insertion Port (PAL-WST)
    2-Wire Serial MPU Interface
    Supply Voltage 5 V and 3.3 V Operation
    64-Lead LQFP Package

APPLICATIONS
    DVD Playback Systems, PC Video/Multimedia Playback Systems




Similar Part No. - ADV7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results


Similar Description - ADV7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
10/06-Revision 0
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com