Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7190 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 1 Page - Analog Devices

  ADV7190 Datasheet HTML 1Page - Analog Devices ADV7190 Datasheet HTML 2Page - Analog Devices ADV7190 Datasheet HTML 3Page - Analog Devices ADV7190 Datasheet HTML 4Page - Analog Devices ADV7190 Datasheet HTML 5Page - Analog Devices ADV7190 Datasheet HTML 6Page - Analog Devices ADV7190 Datasheet HTML 7Page - Analog Devices ADV7190 Datasheet HTML 8Page - Analog Devices ADV7190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7190/ADV7191*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Video Encoder with Six 10-Bit DACs and
Video Encoder with Six DAC Outputs
FEATURES
Six High-Quality 10-Bit Video DACs
Multistandard Video Input
Multistandard Video Output
4
Oversampling with Internal 54 MHz PLL
Programmable Video Control Includes:
Digital Noise Reduction
Gamma Correction
LUMA Delay
CHROMA Delay
Multiple Luma and Chroma Filters
Luma SSAF™ (Super Subalias Filter)
Average Brightness Detection
Field Counter
Macrovision Rev 7.1
CGMS (Copy Generation Management System)
WSS (Wide Screen Signaling)
Closed Captioning Support
Teletext Insertion Port (PAL-WST)
2-Wire Serial MPU Interface
Supply Voltage 5 V and 3.3 V Operation
64-Lead LQFP Package
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
I2C INTERFACE
CHROMA
LPF
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
2
OVERSAMPLING
4
OVERSAMPLING
OR
ADV7190/ADV7191
SSAF
LPF
LUMA
LPF
COMPOSITE VIDEO
Y [S-VIDEO]
C [S-VIDEO]
RGB
YUV
TVSCREEN
COLOR CONTROL
DNR
GAMMA
CORRECTION
VBI
TELETEXT
CLOSED CAPTION
CGMS/WSS
MACROVISION
DEMUX
AND
YCrCb–
TO–
YUV
MATRIX
PLL
AND
54MHz
VIDEO
INPUT
PROCESSING
VIDEO
OUTPUT
PROCESSING
VIDEO
SIGNAL
PROCESSING
ANALOG
OUTPUT
27MHz
CLOCK
ITU–R.BT
656/601
8-BIT YCrCb
IN 4:2:2 FORMAT
DIGITAL
INPUT
*This device is protected by U.S. Patent Numbers 4631603, 4577216, and 4819098, and other intellectual property rights.
**Throughout the document YUV refers to digital or analog component video.
The Macrovision anticopy process is licensed for noncommercial home use only, which is its sole intended use in the device. Please contact sales office for latest available Macrovision version.
ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
SSAF is a trademark of Analog Devices Inc.
I
2C is a registered trademark of Philips Corporation.
GENERAL DESCRIPTION
The ADV7190/ADV7191 is part of the new generation of video
encoders from Analog Devices. The device builds on the perfor-
mance of previous video encoders and provides new features such
as, Digital Noise Reduction, Gamma Correction, 4
× Oversam-
pling and 54 MHz operation, Average Brightness Detection,
Chroma Delay, an additional Chroma Filter, etc.
The ADV7190/ADV7191 supports NTSC-M, NTSC-N (Japan),
PAL N, PAL M, PAL-B/D/G/H/I and PAL-60 standards. Input
standards supported include ITU-R.BT656/601 4:2:2 YCrCb
in 8- or 16-bit format.
The ADV7190/ADV7191 can output Composite Video (CVBS),
S-Video (Y/C), Component YUV
** or RGB. The analog
component output is also compatible with Betacam, MII
and SMPTE/EBU N10 levels, SMPTE 170M NTSC and
ITU-R.BT 470 PAL.
For more information about the ADV7190/ADV7191’s fea-
tures refer to Detailed Description.
APPLICATIONS
DVD Playback Systems,
PC Video/Multimedia Playback Systems


Similar Part No. - ADV7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Similar Description - ADV7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
10/06-Revision 0
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com