Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7192 Datasheet (PDF) - Analog Devices

ADV7192 Datasheet PDF - Analog Devices
Part # ADV7192
Download  ADV7192 Download
File Size   664.87 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs

ADV7192 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7192 Datasheet PDF - Analog Devices

Part # ADV7192
Download  ADV7192 Click to download

File Size   664.87 Kbytes
Page   69 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs

ADV7192 Datasheet (HTML) - Analog Devices


ADV7192 Product details

GENERAL DESCRIPTION
The ADV7192 is part of the new generation of video encoders from Analog Devices. The device builds on the performance of previous video encoders and provides new features like interfacing progressive scan devices, Digital Noise Reduction, Gamma Correction, 4× Oversampling and 54 MHz operation, Average Brightness Detection, Black Burst Signal Generation, Chroma Delay, an additional Chroma Filter, and other features.

FEATURES
   Six High-Quality 10-Bit Video DACs
   10-Bit Internal Digital Video Processing
   Multistandard Video Input
   Multistandard Video Output
   4x Oversampling with Internal 54 MHz PLL
   Programmable Video Control Includes:
      Digital Noise Reduction
      Gamma Correction
      Black Burst
      LUMA Delay
      CHROMA Delay
      Multiple Luma and Chroma Filters
      Luma SSAF™ (Super Subalias Filter)
   Average Brightness Detection
   Field Counter
   Macrovision Rev. 7.1
   CGMS (Copy Generation Management System)
   WSS (Wide Screen Signaling)
   Closed Captioning Support.
   Teletext Insertion Port (PAL-WST)
   2-Wire Serial MPU Interface (I2C®-Compatible
      and Fast I2C)
   I2C Interface
   Supply Voltage 5 V and 3.3 V Operation
   80-Lead LQFP Package

APPLICATIONS
   DVD Playback Systems
   PC Video/Multimedia Playback Systems
   Progressive Scan Playback Systems




Similar Part No. - ADV7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
More results


Similar Description - ADV7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
Video Encoder with 54 MHz Oversampling
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com