Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7302A Datasheet (PDF) - Analog Devices

ADV7302A Datasheet PDF - Analog Devices
Part # ADV7302A
Download  ADV7302A Download
File Size   1177.86 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs

ADV7302A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7302A Datasheet PDF - Analog Devices

Part # ADV7302A
Download  ADV7302A Click to download

File Size   1177.86 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs

ADV7302A Datasheet (HTML) - Analog Devices


ADV7302A Product details

GENERAL DESCRIPTION
The ADV7302A/ADV7303A is a high speed, digital-to-analog encoder on a single monolithic chip. It includes six high speed video D/A converters with TTL compatible inputs.
The ADV7302A/ADV7303A has three separate 8-bit wide input ports that accept data in high definition and/or standard definition video format. For all standards, external horizontal, vertical, and blanking signals, or EAV/SAV timing codes, control the insertion of appropriate synchronization signals into the digital data stream and therefore the output signals.

FEATURES
   High Definition Input Formats
      YCrCb Compliant to SMPTE293M (525 p),
         ITU-R.BT1358 (625 p), SMPTE274M (1080 i),
         SMPTE296M (720 p), and Any Other High Definition
         Standard Using Async Timing Mode
      RGB in 3 x 8-Bit 4:4:4 Format
      BTA T-1004 EDTV2 525 p Parallel
   High Definition Output Formats (525 p/625 p/720 p/1080 i)
      YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
      YPrPb HDTV (EIA 770.3)
      RGB + H/V (HDTV 5-Wire Format)
      CGMS-A (720 p/1080 i)
      Macrovision Rev 1.0 (525 p/625 p)*
         CGMS-A (525 p)
   Standard Definition Input Formats
      CCIR-656 4:2:2 8-Bit Parallel Input
      CCIR-601 4:2:2 16-Bit Parallel Input
   Standard Definition Output Formats
      Composite NTSC M, N;
         PAL M, N, B, D, G, H, I, PAL-60
      SMPTE170M NTSC Compatible Composite Video
      ITU-R.BT470 PAL Compatible Composite Video
      S-Video (Y/C)
      EuroScart RGB
      Component YUV (Betacam, MII, SMPTE/EBU N10)
      Macrovision Rev 7.1*
         CGMS/WSS
         Closed Captioning

GENERAL FEATURES
   Simultaneous SD and HD Inputs and Outputs
   Oversampling (108 MHz/148.5 MHz)
   On-Board Voltage Reference
   6 Precision Video 11-Bit DACs
   2-Wire Serial MPU Interface
   Dual I/O Supply 2.5 V/3.3 V Operation
   Analog and Digital Supply 2.5 V
   On-Board PLL
   64-LQFP Package
   Lead-Free Product

APPLICATIONS
   DVD Players
   SD/HD Display Devices
   SD/HD Set-Top Boxes
   SD/HDTV Studio Equipment




Similar Part No. - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Similar Description - ADV7302A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV.A
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV.0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com