Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7196A Datasheet (PDF) - Analog Devices

ADV7196A Datasheet PDF - Analog Devices
Part # ADV7196A
Download  ADV7196A Download
File Size   501.94 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision

ADV7196A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7196A Datasheet PDF - Analog Devices

Part # ADV7196A
Download  ADV7196A Click to download

File Size   501.94 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision

ADV7196A Datasheet (HTML) - Analog Devices


ADV7196A Product details

GENERAL DESCRIPTION
The ADV7196A is a triple high-speed, digital-to-analog encoder on a single monolithic chip. It consists of three high-speed video D/A converters with TTL-compatible inputs.

FEATURES
INPUT FORMATS
    YCrCb in 2  10-Bit (4:2:2) or 3  10-Bit (4:4:4) Format
    Compliant to SMPTE-293M (525p), ITU-R.BT1358
    (625p), SMPTE274M (1080i), SMPTE296M (720p) and
    Any Other High Definition Standard Using Async
    Timing Mode
    RGB in 3  10 Bit (4:4:4) Format

OUTPUT FORMATS
    YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
    YPrPb HDTV (EIA-770.3)
    RGB Levels Compliant to RS-170 and RS-343A
    11-Bit and Sync (DAC A)
    11-Bit DACs (DAC B, DAC C)

PROGRAMMABLE FEATURES
    Internal Test Pattern Generator with Color Control
    Y/C Delay ()
    Gamma Correction
    Individual DAC On/Off Control
    54 MHz Output (2 Oversampling)
    Sharpness Filter with Programmable Gain/Attenuation
    Programmable Adaptive Filter Control
    Undershoot Limiter
    I2C® Filter
    VBI Open Control
    Macrovision Rev. 1.0 (525p)
    CGMS-A (525p)
    2-Wire Serial MPU Interface
    Single Supply 3.3 V Operation
    52-MQFP Package

APPLICATIONS
    Progressive Scan/HDTV Display Devices
    DVD Players
    MPEG 2 at 81 MHz
    Progressive Scan/HDTV Projection Systems
    Digital Video Systems
    High Resolution Color Graphics
    Image Processing/Instrumentation
    Digital Radio Modulation/Video Signal Reconstruction




Similar Part No. - ADV7196A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Similar Description - ADV7196A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV.A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV.0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com