Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7195 Datasheet (PDF) - Analog Devices

ADV7195 Datasheet PDF - Analog Devices
Part # ADV7195
Download  ADV7195 Download
File Size   556.52 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input

ADV7195 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7195 Datasheet PDF - Analog Devices

Part # ADV7195
Download  ADV7195 Click to download

File Size   556.52 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input

ADV7195 Datasheet (HTML) - Analog Devices


ADV7195 Product details

GENERAL DESCRIPTION
The ADV7195 is a triple high-speed, digital-to-analog encoder on a single monolithic chip. It consists of three high-speed video D/A converters with TTL-compatible inputs.

FEATURES
   INPUT FORMATS
      YCrCb in 2 x 10-Bit (4:2:2) or 3 x 10-Bit (4:4:4) Format
         Compliant to SMPTE-293M (525p), ITU-R.BT1358
         (625p), SMPTE274M (1080i), SMPTE296M (720p)
         and Any Other High-Definition Standard Using
         Async Timing Mode
      RGB in 3 x 10 Bit (4:4:4) Format

   OUTPUT FORMATS
      YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
      YPrPb HDTV (EIA-770.3)
      RGB Levels Compliant to RS-170 and RS-343A
      11-Bit + Sync (DAC A)
      11-Bit DACs (DAC B, DAC C)

   PROGRAMMABLE FEATURES
      Internal Test Pattern Generator with Color Control
      Y/C Delay (±)
      Gamma Correction
      Individual DAC On/Off Control
      54 MHz Output (2x Oversampling)
      Sharpness Filter with Programmable Gain/Attenuation
      Programmable Adaptive Filter Control
      Undershoot Limiter
      VBI Open Control
      I2C® Filter
      CGMS-A (525p)
      2-Wire Serial MPU Interface
      Single Supply 3.3 V Operation
      52-MQFP Package

APPLICATIONS
   Progressive Scan/HDTV Display Devices
   MPEG at 81 MHz
   Progressive Scan/HDTV Projection Systems
   Digital Video Systems
   High Resolution Color Graphics
   Image Processing/Instrumentation
   Digital Radio Modulation/Video Signal Reconstruction




Similar Part No. - ADV7195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
More results


Similar Description - ADV7195

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV.0
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV.0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com