Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7197 Datasheet (PDF) - Analog Devices

ADV7197 Datasheet PDF - Analog Devices
Part # ADV7197
Download  ADV7197 Download
File Size   229.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat HDTV Encoder with Three 11-Bit DACs

ADV7197 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7197 Datasheet PDF - Analog Devices

Part # ADV7197
Download  ADV7197 Click to download

File Size   229.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat HDTV Encoder with Three 11-Bit DACs

ADV7197 Datasheet (HTML) - Analog Devices


ADV7197 Product details

GENERAL DESCRIPTION
The ADV7197 is a triple, high-speed, digital-to-analog encoder on a single monolithic chip. It consists of three high-speed video D/A converters with TTL-compatible inputs.
The ADV7197 has three separate 10-bit-wide input ports that accept data in 4:4:4 10-bit YCrCb or RGB, or 4:2:2 10-bit YCrCb. This data is accepted in HDTV format at 74.25 MHz or 74.1758 MHz. For any other high definition standard but SMPTE274M or SMPTE296M, the Async Timing Mode can be used to input data to the ADV7197. For all standards, external horizontal, vertical, and blanking signals or EAV/SAV codes control the insertion of appropriate synchronization signals into the digital data stream and therefore the output signals.

FEATURES
   INPUT FORMATS
      YCrCb in 2  10-Bit (4:2:2) or 3  10-Bit (4:4:4) Format
      Compliant to SMPTE274M (1080i), SMPTE296M
      (720p) and Any Other High-Definition Standard Using
      Async Timing Mode
      RGB in 3  10-Bit 4:4:4 Format

   OUTPUT FORMATS
      YPrPb HDTV (EIA-770.3)
      RGB Levels Compliant to RS-170 and RS-343A
      11-Bit + Sync (DAC A)
      11-Bit DACs (DAC B, C)

   PROGRAMMABLE FEATURES
      Internal Test Pattern Generator with Color Control
      Y/C Delay (±)
      Individual DAC On/Off Control
      VBI Open Control
      I2C Filter
      2-Wire Serial MPU Interface
      Single Supply 5 V/3.3 V Operation
      52-Lead MQFP Package

APPLICATIONS
   HDTV Display Devices
   HDTV Projection Systems
   Digital Video Systems
   High Resolution Color Graphics
   Image Processing/Instrumentation
   Digital Radio Modulation/Video Signal Reconstruction




Similar Part No. - ADV7197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
More results


Similar Description - ADV7197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV.A
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV.0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
Multiformat 11-Bit HDTV Video Encoder
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
Multiformat 11-Bit HDTV Video Encoder
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com