Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7322 Datasheet (PDF) - Analog Devices

ADV7322 Datasheet PDF - Analog Devices
Part # ADV7322
Download  ADV7322 Download
File Size   973.12 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 11-Bit HDTV Video Encoder

ADV7322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7322 Datasheet PDF - Analog Devices

Part # ADV7322
Download  ADV7322 Click to download

File Size   973.12 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 11-Bit HDTV Video Encoder

ADV7322 Datasheet (HTML) - Analog Devices


ADV7322 Product details

GENERAL DESCRIPTION
The ADV7322 is a high speed, digital-to-analog encoder on a single monolithic chip. It includes six high speed video DACs with TTL-compatible inputs. It has separate 8-, 16-, and 24-bit input ports that accept data in high definition (HD) and/or standard definition (SD) video format. For all standards, external horizontal, vertical, and blanking signals, or EAV/SAV timing codes, control the insertion of appropriate synchronization signals into the digital data stream and, therefore, the output signal.

GENERAL FEATURES
   Simultaneous SD/HD or PS/SD inputs and outputs
   Oversampling up to 216 MHz
   Programmable DAC gain control
   Sync outputs in all modes
   On-board voltage reference
   Six 11-bit precision video DACs
   2-wire, serial I2C® interface, open-drain configuration
   Dual I/O supply 2.5 V/3.3 V operation
   Analog and digital supply 2.5 V
   On-board PLL
   64-lead LQFP package
   Lead-free (Pb-free) free product

APPLICATIONS
   Enhanced versatile disk (EVD) players
   SD/PS DVD recorders/players
   SD/PS/HDTV display devices
   SD/HDTV set-top boxes




Similar Part No. - ADV7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
Multiformat 11-Bit HDTV Video Encoder
Rev. 0
More results


Similar Description - ADV7322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV.0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV.0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
Multiformat 11-Bit Triple DAC Video Encoder
7/04-Data sheet changed from REV. A to REV. B.
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com