Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7202 Datasheet (PDF) - Analog Devices

ADV7202 Datasheet PDF - Analog Devices
Part # ADV7202
Download  ADV7202 Download
File Size   216.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneous Sampling Video Rate Codec

ADV7202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7202 Datasheet PDF - Analog Devices

Part # ADV7202
Download  ADV7202 Click to download

File Size   216.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneous Sampling Video Rate Codec

ADV7202 Datasheet (HTML) - Analog Devices


ADV7202 Product details

GENERAL DESCRIPTION
The ADV7202 is a video rate sampling codec.
It has the capability of sampling up to five NTSC/PAL/SECAM video I/P signals. The resolution on the front end digitizer is 12 bits; 2 bits (12 dB) are used for gain and offset adjustment. The digitizer has a conversion rate of up to 54 MHz.
   
FEATURES
    Four 10-Bit Video DACs (4:2:2, YCrCb, RGB I/P
        Supported)
    10-Bit Video Rate Digitization at up to 54 MHz
    AGC Control (±6 dB)
    Front End 3-Channel Clamp Control
    Up to Five CVBS Input Channels, Two Component YUV,
        Three S-Video, or a Combination of the Above.
        Simultaneous Digitization of Two CVBS Input Channels
    Aux 8-Bit SAR ADC @ 843 kHz Sampling Giving up to
        Eight General-Purpose Inputs
    I2C Compatible Interface with I2C Filter
    RGB Inputs for Picture-on-Picture of the RGB DACs
    Optional Internal Reference
    Power Save Mode
   
APPLICATIONS
    Picture-on-Picture Video Systems
    Simultaneous Video Rate Processing
    Hybrid Set-Top Box TV Systems
    Direct Digital Synthesis/I-Q Demodulation
    Image Processing
   




Similar Part No. - ADV7202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7202 AD-ADV7202 Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
More results


Similar Description - ADV7202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
Wavescale Video Codec
REV. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
JPEG2000 Video Codec
REV. D
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
Wavescale Video Codec
Rev. B
ADUCM330 AD-ADUCM330 Datasheet
357Kb / 16P
Dual channel, simultaneous sampling
Rev. C
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com