Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7202 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 1 Page - Analog Devices

  ADV7202 Datasheet HTML 1Page - Analog Devices ADV7202 Datasheet HTML 2Page - Analog Devices ADV7202 Datasheet HTML 3Page - Analog Devices ADV7202 Datasheet HTML 4Page - Analog Devices ADV7202 Datasheet HTML 5Page - Analog Devices ADV7202 Datasheet HTML 6Page - Analog Devices ADV7202 Datasheet HTML 7Page - Analog Devices ADV7202 Datasheet HTML 8Page - Analog Devices ADV7202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. PrB
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADV7202
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Simultaneous Sampling
Video Rate Codec
FUNCTIONAL BLOCK DIAGRAM
AIN1P
D/A
ADC
LOGIC
12C/SPI
I/P
MUX
MUX
SHA AND
CLAMP
SHA AND
CLAMP
SHA AND
CLAMP
A/D
A/D
AIN1M
AIN2P
AIN2M
AIN3P
AIN3M
AIN4P
AIN4M
AIN5P
AIN5M
AIN6P
AIN6M
8-BIT 843KHz
ADC BLOCK
12-BIT
10-BIT
D/A
10-BIT
D/A
10-BIT
D/A
10-BIT
DAC
LOGIC
ADV7202
XTAL
DOUT
[9:0]
DAC DATA
[9:0]
OSD I/P "S"
DAC0
DAC1
DAC2
DAC3
FEATURES
Four 10-Bit Video DACs (4:2:2, YCrCb, RGB I/P
Supported)
10-Bit Video Rate Digitization at Up to 54 Mhz
AGC Control ( 6 dB)
Front-End 3-Channel Clamp Control
Up to Five CVBS Input Channels, Two Component YUV,
Three S-Video, or a combination of the above. Simul-
taneous Digitization of Two CVBS Input Channels.
Aux 8-Bit SAR ADC @ 843 kHz Sampling Giving up to
Eight General Purpose Inputs
I2C and SPI Compatible Interface with I2C Filter
RGB Inputs for Picture-on-Picture of the RGB DACs
APPLICATIONS
Picture-on-Picture Video Systems
Simultaneous Video Rate Processing
Hybrid Set-Top Box TV Systems
Direct Digital Synthesis/I-Q Demodulation
Image Processing
GENERAL DESCRIPTION
The ADV7202 is a video rate sampling Codec.
It has the capability of sampling up to five NTSC/PAL/SECAM
video I/P signals. The resolution on the front-end digitizer is
12 bits; 2 bits (12 dB) are used for gain and offset adjustment.
The digitizer has a conversion rate of 54 MHz.
It also has up to eight auxiliary inputs that can be sampled by
an 843 kHz SAR ADC for system monitoring, etc.
The back end consists of four 10-bit DACs that run at up to
54 MHz and can be used to output CVBS, S-Video, Component
YCrCb, and RGB.
This Codec also supports Picture-on-Picture with the 3-channel
I/P mux that also muxes to the DAC O/Ps.
The ADV7202 can operate at 3.3 V or 5 V. Its monolithic CMOS
construction ensures greater functionality with lower power
dissipation.
The ADV7202 is packaged in a small 64-lead LQFP package.


Similar Part No. - ADV7202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7202 AD-ADV7202 Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
More results

Similar Description - ADV7202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Analog Devices
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
Wavescale Video Codec
REV. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
JPEG2000 Video Codec
REV. D
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
Simultaneous Sampling Video Rate Codec
REV. 0
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
Wavescale Video Codec
Rev. B
ADUCM330 AD-ADUCM330 Datasheet
357Kb / 16P
Dual channel, simultaneous sampling
Rev. C
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
Simultaneous Sampling Video Rate Codec
11/29/2017
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com