Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7202 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7202
Description  Simultaneous Sampling Video Rate Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7202 Datasheet HTML 17Page - Analog Devices ADV7202 Datasheet HTML 18Page - Analog Devices ADV7202 Datasheet HTML 19Page - Analog Devices ADV7202 Datasheet HTML 20Page - Analog Devices ADV7202 Datasheet HTML 21Page - Analog Devices ADV7202 Datasheet HTML 22Page - Analog Devices ADV7202 Datasheet HTML 23Page - Analog Devices ADV7202 Datasheet HTML 24Page - Analog Devices ADV7202 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
REV. PrB
PRELIMINARY TECHNICAL DATA
ADV7202
–21–
CLAMP REGISTER 2
CR2 (CR20–CR27)
(Address (SR4–SR0) = 08H)
Figure 27 shows the various operations under the control of
Clamp Register 2.
CR2 BIT DESCRIPTION
Fine Clamp 0 Up/Down (CR20)
This bit controls the direction of fine clamp number 1, valid
only if the clamp is enabled.
Fine Clamp 0 ON/OFF (CR21)
This bit switches fine clamp number 1 on for the prescribed
number of clock cycles (CR10–CR12).
Fine Clamp 1 Up/Down (CR22)
This bit controls the direction of fine clamp number 2, valid
only if the clamp is enabled.
Fine Clamp 1 ON/OFF (CR23)
This bit switches fine clamp number 2 on for the prescribed
number of clock cycles (CR10–CR12).
Fine Clamp 2 Up/Down (CR24)
This bit controls the direction of fine clamp number 3, valid
only if the clamp is enabled.
Fine Clamp 2 ON/OFF (CR25)
This bit switches fine clamp number 3 on for the prescribed
number of clock cycles (CR10–CR12).
Reserved (CR26–CR27)
Zero must be written to these registers.
CR27
CR22
CR24
CR26
ZERO MUST BE
WRITTEN TO
THESE REGISTERS
CR27–CR26
CR24
0DOWN
1UP
FINE CLAMP 2 UP/DOWN
CR25
CR23
CR21
CR20
CR22
0DOWN
1UP
FINE CLAMP 1 UP/DOWN
CR20
0DOWN
1UP
FINE CLAMP 0 UP/DOWN
CR25
0OFF
1ON
FINE CLAMP 2 ON/OFF
CR23
0OFF
1ON
FINE CLAMP 1 ON/OFF
CR21
0OFF
1ON
FINE CLAMP 0 ON/OFF
Figure 27. Clamp Register 2
CLAMP REGISTER 3
CR3 (CR30–CR37)
(Address (SR4–SR0) = 09H)
Figure 28 shows the various operations under the control of
Clamp Register 3.
CR3 BIT DESCRIPTION
Coarse Clamp 0 Up/Down (CR30)
This bit controls the direction of coarse clamp number 1, valid
only if the clamp is enabled.
Coarse Clamp 0 ON/OFF (CR31)
This bit switches coarse clamp number 1 on for the prescribed
number of clock cycles (CR13–CR15).
Coarse Clamp 1 Up/Down (CR32)
This bit controls the direction of coarse clamp number 2, valid
only if the clamp is enabled.
Coarse Clamp 1 ON/OFF (CR33)
This bit switches coarse clamp number 2 on for the prescribed
number of clock cycles (CR13–CR15).
Coarse Clamp 2 Up/Down (CR34)
This bit controls the direction of coarse clamp number 3, valid
only if the clamp is enabled.
Coarse Clamp 2 ON/OFF (CR35)
This bit switches coarse clamp number 3 on for the prescribed
number of clock cycles (CR13–CR15).
Reserved (CR36–CR37)
Zero must be written to these registers.
CR34
CR37
CR32
ZERO MUST BE
WRITTEN TO
THESE REGISTERS
CR37–CR36
CR35
0OFF
1ON
COARSE CLAMP 2 ON/OFF
CR34
0DOWN
1UP
COARSE CLAMP 2 UP/DOWN
CR33
0OFF
1ON
COARSE CLAMP 1 ON/OFF
CR32
0DOWN
1UP
COARSE CLAMP 1 UP/DOWN
CR30
0DOWN
1UP
COARSE CLAMP 0 UP/DOWN
CR31
0OFF
1ON
COARSE CLAMP 0 ON/OFF
CR36
CR35
CR33
CR31
CR30
Figure 28. Clamp Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com