Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8020E Datasheet (PDF) - Richtek Technology Corporation

RT8020E Datasheet PDF - Richtek Technology Corporation
Part # RT8020E
Download  RT8020E Download
File Size   276.19 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual High-Efficiency PWM Step-Down DC/DC Converter

RT8020E Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8020E Datasheet PDF - Richtek Technology Corporation

Part # RT8020E
Download  RT8020E Click to download

File Size   276.19 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual High-Efficiency PWM Step-Down DC/DC Converter

RT8020E Datasheet (HTML) - Richtek Technology Corporation


RT8020E Product details

General Description
The RT8020E is a dual high-efficiency Pulse-WidthModulated (PWM) step-down DC/DC converter. It is capable of delivering 1A output current over a wide input voltage range from 2.5V to 5.5V. The RT8020E is ideally suited for portable electronic devices that are powered by 1-cell Li-ion battery or other power sources within the range such as cellular phones, PDAs and other hand-held devices.

Features
● 2.5V to 5.5V Input Range
● 1.2V and 1.8V Fixed Output Voltage
● 1A Output Current
● 95% Efficiency
● No Schottky Diode Required
● 50μA Quiescent Current per Channel
● 1.5MHz Fixed Frequency PWM Operation
● Small 12-Lead WDFN Package
● RoHS Compliant and Halogen Free

Applications
● Digital Still Cameras
● Mobile Phones
● Personal Information Appliances
● Wireless and DSL Modems
● MP3 Players
● Portable Instruments




Similar Part No. - RT8020E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
More results


Similar Description - RT8020E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev 2
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com