Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL105 Datasheet (PDF) - Analog Devices

ADXL105 Datasheet PDF - Analog Devices
Part # ADXL105
Download  ADXL105 Download
File Size   258.2 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input

ADXL105 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL105 Datasheet PDF - Analog Devices

Part # ADXL105
Download  ADXL105 Click to download

File Size   258.2 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input

ADXL105 Datasheet (HTML) - Analog Devices


ADXL105 Product details

GENERAL DESCRIPTION

The ADXL105 is a high performance, high accuracy and complete single-axis acceleration measurement system on a single monolithic IC. The ADXL105 offers significantly increased bandwidth and reduced noise versus previously available micro machined devices. The ADXL105 measures acceleration with a full-scale range up to ±5 gand produces an analog voltage output.



FEATURES

Monolithic IC Chip

2 mg Resolution

10 kHz Bandwidth

Flat Amplitude Response (±1%) to 5 kHz

Low Bias and Sensitivity Drift

Low Power 2 mA

Output Ratiometric to Supply

User Scalable gRange

On-Board Temperature Sensor

Uncommitted Amplifier

Surface Mount Package

+2.7 V to +5.25 V Single Supply Operation

1000 g Shock Survival



APPLICATIONS

Automotive

Accurate Tilt Sensing with Fast Response

Machine Health and Vibration Measurement

Affordable Inertial Sensing of Velocity and Position

Seismic Sensing

Rotational Acceleration




Similar Part No. - ADXL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results


Similar Description - ADXL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com