Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL105 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL105
Description  High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL105 Datasheet(HTML) 1 Page - Analog Devices

  ADXL105 Datasheet HTML 1Page - Analog Devices ADXL105 Datasheet HTML 2Page - Analog Devices ADXL105 Datasheet HTML 3Page - Analog Devices ADXL105 Datasheet HTML 4Page - Analog Devices ADXL105 Datasheet HTML 5Page - Analog Devices ADXL105 Datasheet HTML 6Page - Analog Devices ADXL105 Datasheet HTML 7Page - Analog Devices ADXL105 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADXL105*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
iMEMS is a registered trademark of Analog Devices, Inc.
*Patent Pending.
FEATURES
Monolithic IC Chip
2 m
g Resolution
10 kHz Bandwidth
Flat Amplitude Response ( 1%) to 5 kHz
Low Bias and Sensitivity Drift
Low Power 2 mA
Output Ratiometric to Supply
User Scalable
g Range
On-Board Temperature Sensor
Uncommitted Amplifier
Surface Mount Package
+2.7 V to +5.25 V Single Supply Operation
1000
g Shock Survival
APPLICATIONS
Automotive
Accurate Tilt Sensing with Fast Response
Machine Health and Vibration Measurement
Affordable Inertial Sensing of Velocity and Position
Seismic Sensing
Rotational Acceleration
GENERAL DESCRIPTION
The ADXL105 is a high performance, high accuracy and com-
plete single-axis acceleration measurement system on a single
monolithic IC. The ADXL105 offers significantly increased
bandwidth and reduced noise versus previously available micro-
machined devices. The ADXL105 measures acceleration with a
full-scale range up to
±5 g and produces an analog voltage out-
put. Typical noise floor is 225
µg√Hz allowing signals below
2mg to be resolved. A 10 kHz wide frequency response enables
vibration measurement applications. The product exhibits signifi-
cant reduction in offset and sensitivity drift over temperature
compared to the ADXL05.
The ADXL105 can measure both dynamic accelerations, (typi-
cal of vibration) or static accelerations (such as inertial force,
gravity or tilt).
Output scale factors from 250 mV/g to 1.5 V/g are set using the
on-board uncommitted amplifier and external resistors. The
device features an on-board temperature sensor with an output
of 8 mV/
°C for optional temperature compensation of offset vs.
temperature for high accuracy application.
The ADXL105 is available in a hermetic 14-lead surface mount
Cerpak with versions specified for the 0
°C to +70°C, and
–40
°C to +85°C temperature ranges.
High Accuracy
1
g to
5
g Single Axis
iMEMS® Accelerometer with Analog Input
FUNCTIONAL BLOCK DIAGRAM
VDD
TOUT
ST
COM
AOUT
VMID
VIN
VNIN
UCAOUT
UNCOMMITTED
AMPLIFIER
ADXL105
X SENSOR
TEMP
SENSOR
COM


Similar Part No. - ADXL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL105 AD-ADXL105 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105EM-1 AD-ADXL105EM-1 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL105EM-3 AD-ADXL105EM-3 Datasheet
169Kb / 2P
ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
REV.C
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
More results

Similar Description - ADXL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com