Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8016GQW Datasheet (PDF) - Richtek Technology Corporation

RT8016GQW Datasheet PDF - Richtek Technology Corporation
Part # RT8016GQW
Download  RT8016GQW Download
File Size   254.86 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter

RT8016GQW Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8016GQW Datasheet PDF - Richtek Technology Corporation

Part # RT8016GQW
Download  RT8016GQW Click to download

File Size   254.86 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter

RT8016GQW Datasheet (HTML) - Richtek Technology Corporation


RT8016GQW Product details

General Description

The RT8016 is a high-efficiency Pulse-Width-Modulated (PWM) step-down DC-DC converter. Capable of delivering 1A output current over a wide input voltage range from 2.5V to 5.5V, the RT8016 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources such as cellular phones, PDAs and hand-held devices.



Features

+2.5V to +5.5V Input Range

Adjustable Output From 0.6V to VIN

1A Output Current

95% Efficiency

No Schottky Diode Required

1.5MHz Fixed Frequency PWM Operation

Small 6-Lead WDFN Package

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Mobile Phones

Personal Information Appliances

Wireless and DSL Modems

MP3 Players

Portable Instruments




Similar Part No. - RT8016GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016GQW RICHTEK-RT8016GQW Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Similar Description - RT8016GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com