Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet (PDF) - Richtek Technology Corporation

RT8024 Datasheet PDF - Richtek Technology Corporation
Part # RT8024
Download  RT8024 Download
File Size   369.37 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter

RT8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8024 Datasheet PDF - Richtek Technology Corporation

Part # RT8024
Download  RT8024 Click to download

File Size   369.37 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter

RT8024 Datasheet (HTML) - Richtek Technology Corporation


RT8024 Product details

General Description

The RT8024 is a high-efficiency pulse-width-modulated (PWM) step-down DC/DC converter. Capable of delivering 400mA output current over a wide input voltage range from 2.5V to 5.5V, the RT8024 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion

battery or from other power sources within the range such as cellular phones, PDAs and handy-terminals.

Internal synchronous rectifier with low RDS(ON)dramatically reduces conduction loss at PWM mode. No external Schottky diode is required in practical application. The RT8024 automatically turns off the synchronous rectifier while the inductor current is low and enters discontinuous

PWM mode. This can increase efficiency at light load condition.



Features

2.5V to 5.5V Input Range

Adjustable Output From 0.6V to VIN

1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage

400mA Output Current, 1A Peak Current

95% Efficiency

No Schottky Diode Required

1.5MHz Fixed Frequency PWM Operation

Small SOT-23-5 and TSOT-23-5 Package

RoHS Compliant and Halogen Free



Applications

Cellular Telephones

Personal Information Appliances

Wireless and DSL Modems

MP3 Players

Portable Instruments




Similar Part No. - RT8024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
More results


Similar Description - RT8024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com