Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8024 Datasheet HTML 1Page - Richtek Technology Corporation RT8024 Datasheet HTML 2Page - Richtek Technology Corporation RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8024
3
DS8024-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN
Chip Enable (Active High, do not leave EN pin floating, and VEN < VIN + 0.6V).
2
GND
Ground.
3
LX
Pin for Switching.
4
VIN
Power Input.
5
FB/VOUT
Feedback Input Pin.
Function Block Diagram
COMP
RC
RS1
RS2
EN
VIN
LX
FB/VOUT
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Zero
Detector
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com