Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8024 Datasheet HTML 1Page - Richtek Technology Corporation RT8024 Datasheet HTML 2Page - Richtek Technology Corporation RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8024
1
DS8024-02
March 2011
www.richtek.com
Features
2.5V to 5.5V Input Range
Adjustable Output From 0.6V to VIN
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/
Adjustable Output Voltage
400mA Output Current, 1A Peak Current
95% Efficiency
No Schottky Diode Required
1.5MHz Fixed Frequency PWM Operation
Small SOT-23-5 and TSOT-23-5 Package
RoHS Compliant and Halogen Free
Applications
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 400mA, High Efficiency PWM Step-Down
DC/DC Converter
General Description
The RT8024 is a high-efficiency pulse-width-modulated
(PWM) step-down DC/DC converter. Capable of delivering
400mA output current over a wide input voltage range from
2.5V to 5.5V, the RT8024 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources within the range such
as cellular phones, PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The
RT8024 automatically turns off the synchronous rectifier
while the inductor current is low and enters discontinuous
PWM mode. This can increase efficiency at light load
condition.
The RT8024 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. RT8024 enter shutdown
mode and consumes less than 0.1
μAwhen ENpin is pulled
low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small SOT-23-5 and
TSOT-23-5 package provides small PCB area application.
Other features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Pin Configurations
(TOP VIEW)
SOT-23-5/TSOT-23-5
EN GND LX
FB/VOUT
VIN
4
23
5
RT8024(-
)
Package Type
B : SOT-23-5
J5 : TSOT-23-5
Output Voltage
Default : Adjustable
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.


Similar Part No. - RT8024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
More results

Similar Description - RT8024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com