Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8025 Datasheet (PDF) - Richtek Technology Corporation

RT8025 Datasheet PDF - Richtek Technology Corporation
Part # RT8025
Download  RT8025 Download
File Size   217.68 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter

RT8025 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8025 Datasheet PDF - Richtek Technology Corporation

Part # RT8025
Download  RT8025 Click to download

File Size   217.68 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter

RT8025 Datasheet (HTML) - Richtek Technology Corporation


RT8025 Product details

General Description

The RT8025 is a high-efficiency pulse-width-modulated (PWM) step-down DC/DC converter. Capable of delivering 400mA output current over a wide input voltage range from 2.5 to 5.5V, the RT8025 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources within the range such as cellular phones, PDAs and handy-terminals.



Features

2.5V to 5.5V Input Range

Adjustable Output From 0.5V to VIN

1.0V, 1.2V, 1.3V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage

400mA Output Current

95% Efficiency

No Schottky Diode Required

1.25MHz Fixed Frequency PWM Operation

Small SOT-23-5 and TSOT-23-5 Package

RoHS Compliant and Halogen Free




Similar Part No. - RT8025

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020AGQW RICHTEK-RT8020AGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020APQW RICHTEK-RT8020APQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BGQW RICHTEK-RT8020BGQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020BPQW RICHTEK-RT8020BPQW Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
More results


Similar Description - RT8025

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com