Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8024 Datasheet HTML 1Page - Richtek Technology Corporation RT8024 Datasheet HTML 2Page - Richtek Technology Corporation RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8024
2
DS8024-02 March 2011
www.richtek.com
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8024.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
⎟
⎠
⎞
⎜
⎝
⎛ +
=
R2
R1
1
x
V
V
REF
OUT
with R2 = 300k
Ω to 60kΩ so the IR2 = 2μA to 10μA,
and (R1 x C1) should be in the range between 3x10-6 and 6x10-6 for component selection.
Layout Guide
Figure 3
EN
GND
LX
VOUT
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
L
EN
GND
LX
FB
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
C1
R1
R2
L
V
OUT
4.7µF
10µF
VIN
LX
GND
RT8024
EN
VOUT
2.2µH
2.2V to 5.5V
VIN
VOUT
CIN
L
5
3
4
1
2
COUT
4.7µF
10µF
VIN
LX
GND
RT8024
EN
FB
2.2µH
2.2V to 5.5V
VIN
VOUT
CIN
L
5
3
4
1
2
COUT
R1
R2
C1
IR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com