Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8024 Datasheet HTML 1Page - Richtek Technology Corporation RT8024 Datasheet HTML 2Page - Richtek Technology Corporation RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT8024
4
DS8024-02 March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.5V
Enable, FB Voltage ------------------------------------------------------------------------------------------------------- VIN + 0.6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5, TSOT-23-5 ----------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT-23-5, TSOT-23-5,
θJA ----------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5, TSOT-23-5,
θJC----------------------------------------------------------------------------------------------- 130°C/W
Junction Temperature Range -------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
μH, CIN = 4.7μF, COUT = 10μF, TA = 25°C, IMAX = 400mA unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.5
--
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
100
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
For adjustable output voltage
0.588
0.6
0.612
V
Adjustable Output Range
VOUT
VREF
--
VIN − 0.2
V
ΔVOUT
VIN = 2.2 to 5.5V, VOUT = 1.0V
0A < IOUT < 400mA
−3
--
3
%
ΔVOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V
0A < IOUT < 400mA
−3
--
3
%
ΔVOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V
0A < IOUT < 400mA
−3
--
3
%
ΔVOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V
0A < IOUT < 400mA
−3
--
3
%
ΔVOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V
0A < IOUT < 400mA
−3
--
3
%
Fix
ΔVOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V
0A < IOUT < 400mA
−3
--
3
%
VIN = VOUT + 0.2V to 5.5V, VIN ≧ 3.5V
0A < IOUT < 400mA
−3
--
3
%
Output Voltage
Accuracy
Adjustable
ΔVOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧ 2.2V
0A < IOUT < 400mA
−3
--
3
%
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com