Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8024 Datasheet HTML 1Page - Richtek Technology Corporation RT8024 Datasheet HTML 2Page - Richtek Technology Corporation RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT8024
5
DS8024-02 March 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
VIN = 3.6V
--
0.3
--
PMOSFET RON
PRDS(ON) IOUT = 200mA
VIN = 2.5V
--
0.4
--
Ω
VIN = 3.6V
--
0.25
--
NMOSFET RON
NRDS(ON) IOUT = 200mA
VIN = 2.5V
--
0.35
--
Ω
P-Channel Current Limit
IP(LM)
VIN = 2.5V to 5.5 V
1
--
1.8
A
EN High-Level Input Voltage
VENH
VIN = 2.5V to 5.5V
1.5
--
--
V
EN Low-Level Input Voltage
VENL
VIN = 2.5V to 5.5V
--
--
0.4
V
Undervoltage Lock Out threshold
--
1.8
--
V
Hysteresis
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
160
--
°C
Min. On Time
--
50
--
ns
Max. Duty Cycle
100
--
--
%
LX Leakage Current
VIN = 3.6V, VLX = 0V or VLX = 3.6V
−1
--
1
μA
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard. Pin 2 of SOT-23-5/TSOT-23-5 packages is the case position for
θJC
measurement.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com