Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8024 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8024
Description  1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8024 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8024 Datasheet HTML 3Page - Richtek Technology Corporation RT8024 Datasheet HTML 4Page - Richtek Technology Corporation RT8024 Datasheet HTML 5Page - Richtek Technology Corporation RT8024 Datasheet HTML 6Page - Richtek Technology Corporation RT8024 Datasheet HTML 7Page - Richtek Technology Corporation RT8024 Datasheet HTML 8Page - Richtek Technology Corporation RT8024 Datasheet HTML 9Page - Richtek Technology Corporation RT8024 Datasheet HTML 10Page - Richtek Technology Corporation RT8024 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8024
7
DS8024-02 March 2011
www.richtek.com
Output Voltage vs. Temperature
1.15
1.17
1.19
1.21
1.23
1.25
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 3.3V, IOUT = 0A
Output Ripple
Time (500ns/Div)
ILX
(500mA/Div)
VLX
(5V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VOUT
(5mV/Div)
Power Off
Time (100
μs/Div)
IIN
(200mA/Div)
VOUT
(1V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VEN
(5V/Div)
Load Transient Response
Time (50
μs/Div)
IOUT
(200mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 200mA to 400mA
Load Transient Response
Time (50
μs/Div)
IOUT
(200mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 100mA to 400mA
Power On
Time (100
μs/Div)
IIN
(200mA/Div)
VOUT
(1V/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 400mA
VEN
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com