Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8032 Datasheet (PDF) - Richtek Technology Corporation

RT8032 Datasheet PDF - Richtek Technology Corporation
Part # RT8032
Download  RT8032 Download
File Size   174.83 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit

RT8032 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8032 Datasheet PDF - Richtek Technology Corporation

Part # RT8032
Download  RT8032 Click to download

File Size   174.83 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit

RT8032 Datasheet (HTML) - Richtek Technology Corporation


RT8032 Product details

General Description

The RT8032 is a synchronous, step-down DC/DC converter with input current limit function. The average input current limit can be programmed by an external resistor. Its input voltage range is from 3V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 1.2A of output current. The internal synchronous low on-resistance power switches increase efficiency and eliminate the need for an external Schottky diode. Current mode operation with external compensation allows the transient response to be optimized over a wide range of loads and output capacitors.



Features

• Programmable Average Input Current Limit

• 3V to 5.5V Input Range

• 1.2A Output Current

• Up to 95% Efficiency

• 1.2MHz Switching Frequency

• No Schottky Diode Required

• Force Continues Mode Operation

• Low RDS(ON) Internal Switches : 230mΩ

• Small 12-Lead WDFN Package

• External Compensation for Optimal Transient Response

• External Soft-Start

• Input Over Voltage Protection

• RoHS Compliant and Halogen Free



Applications

• Distributed Power Systems

• Battery Charger

• DSL Modems

• Pre-Regulator for Linear Regulators

• 3G/3.5G Data Card



 




Similar Part No. - RT8032

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
More results


Similar Description - RT8032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Eutech Microelectronics...
EUP3458 EUTECH-EUP3458 Datasheet
109Kb / 1P
1.2A,30V,1.2MHz Step-Down Converter
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com