Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8032 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8032
Description  1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8032 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8032 Datasheet HTML 1Page - Richtek Technology Corporation RT8032 Datasheet HTML 2Page - Richtek Technology Corporation RT8032 Datasheet HTML 3Page - Richtek Technology Corporation RT8032 Datasheet HTML 4Page - Richtek Technology Corporation RT8032 Datasheet HTML 5Page - Richtek Technology Corporation RT8032 Datasheet HTML 6Page - Richtek Technology Corporation RT8032 Datasheet HTML 7Page - Richtek Technology Corporation RT8032 Datasheet HTML 8Page - Richtek Technology Corporation RT8032 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8032
2
DS8032-02
March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SHDN/SS
Shutdown and Soft-Start Control Input. Connect this pin to a supply voltage that is
>1.4V to enable the IC and to a supply voltage that is <0.4V to shutdown the IC. An
RC network from the shutdown command signal to the pin will provide a soft-start
function by the rising time of the FB pin
2, 7
NC
No Internal Connection.
3
GND
Ground. Return the feedback resistive dividers to this ground, which in turn
connects to PGND at one point.
4
SW
Internal Power MOSFET Switches Output. Connect this pin to the output inductor.
5,
13 (Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered to a large PCB and connected
to PGND for maximum power dissipation.
6, 8
VOUT
Output of the Converter. A filter capacitor is placed from VOUT to GND.
9
VIN
Power Input. Internal VCC for the IC. A 10
μF ceramic capacitor is recommended
as close as to VIN and GND as possible
10
ISET
Average Input Current Limit Setting. Place a resistor and capacitor in parallel from
the pin to GND
11
COMP
Error Amplifier Output. The current comparator threshold increases with the control
voltage. Connect external compensation elements to the Pin to stabilize the control
loop.
12
FB
Feedback Input. Receives the feedback voltage from a resistive divider connected
across the output.
Typical Application Circuit
VIN
9
RT8032
VIN
3
PGND
SW
4
COMP
FB
12
11
GND
5, Exposed Pad (13)
CIN
10µF
L
4.7µH
R1
112k
R2
32k
RC
120k
CC
60nF
VOUT
1 SHDN/SS
10
ISET
RLIM
24k
CC1
680nF
RC1
1k
COUT
2200nF
VOUT 6, 8
CC2
1.1nF
RSS
1Meg
CSS
57nF
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com