Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8072 Datasheet (PDF) - Richtek Technology Corporation

RT8072 Datasheet PDF - Richtek Technology Corporation
Part # RT8072
Download  RT8072 Download
File Size   292.54 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 2MHz, High Efficiency Synchronous Step-Down Converter

RT8072 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8072 Datasheet PDF - Richtek Technology Corporation

Part # RT8072
Download  RT8072 Click to download

File Size   292.54 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 2MHz, High Efficiency Synchronous Step-Down Converter

RT8072 Datasheet (HTML) - Richtek Technology Corporation


RT8072 Product details

General Description
The RT8072 is a high efficiency PWM step-down converter and capable of delivering 5A output current over a wide input voltage range from 2.9V to 5.5V.

Features
● Integrated 50mΩ and 35mΩ MOSFETs
● 5A Output Current
● High Efficiency Up to 95%
● 2.9V to 5.5V Input Range
● Adjustable PWM Frequency : 300kHz to 2MHz
● 0.8V ±1% Reference Voltage
● Adjustable External Soft-Start
● Power Good Indicator (WDFN-12L 3x3 Only)
● Over Current Protection
● Under Voltage Protection
● Over Temperature Protection
● SOP-8 (Exposed Pad) and 12-Lead WDFN Packages
● RoHS Compliant and Halogen Free

Applications
● Low Voltage, High Density Power Systems
● Distributed Power Systems
● Point-of-Load Conversions




Similar Part No. - RT8072

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
More results


Similar Description - RT8072

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com