Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8070 Datasheet (PDF) - Richtek Technology Corporation

RT8070 Datasheet PDF - Richtek Technology Corporation
Part # RT8070
Download  RT8070 Download
File Size   189.69 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4A, 2MHz, Synchronous Step-Down Converter

RT8070 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8070 Datasheet PDF - Richtek Technology Corporation

Part # RT8070
Download  RT8070 Click to download

File Size   189.69 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4A, 2MHz, Synchronous Step-Down Converter

RT8070 Datasheet (HTML) - Richtek Technology Corporation


RT8070 Product details

General Description

The RT8070 is a high efficiency synchronous, step-down DC/DC converter. Its input voltage range is from 2.7V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 4A of output current.



Features

High Efficiency : Up to 95%

Adjustable Frequency : 200kHz to 2MHz

No Schottky Diode Required

0.8V Reference Allows Low Output Voltage

Low Dropout Operation : 100% Duty Cycle

Enable Function

External Soft-Start

Power Good Function

RoHS Compliant and Halogen Free



Applications

LCD TV and Monitor

Notebook Computers

Distributed Power Systems

IP Phones

Digital Cameras




Similar Part No. - RT8070

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
More results


Similar Description - RT8070

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com