Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8055B Datasheet (PDF) - Richtek Technology Corporation

RT8055B Datasheet PDF - Richtek Technology Corporation
Part # RT8055B
Download  RT8055B Download
File Size   173.63 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 2MHz, Synchronous Step-Down Converter

RT8055B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8055B Datasheet PDF - Richtek Technology Corporation

Part # RT8055B
Download  RT8055B Click to download

File Size   173.63 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 2MHz, Synchronous Step-Down Converter

RT8055B Datasheet (HTML) - Richtek Technology Corporation


RT8055B Product details

General Description

The RT8055B is a high efficiency synchronous, step-down DC/DC converter. Its input voltage range is from 2.6V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 3A of output current. The internal synchronous low on-resistance power switches increase efficiency and eliminate the need for an external Schottky diode. The switching frequency is set by an external resistor. The 100% duty cycle provides low dropout operation extending battery life in portable systems. Current mode operation with external compensation allows the transient response to be optimized over a wide range of loads and output capacitors.



Features

High Efficiency : Up to 95%

Low RDS(ON) Internal Switches : 100mΩ

Programmable Frequency : 300kHz to 2MHz

No Schottky Diode Required

0.8V Reference Voltage Allows for Low Output Voltage

Forced Continuous Mode Operation

100% Duty Cycle Operation

Input Over Voltage Protection

Power Good Output Voltage Indicutor

RoHS Compliant and Halogen Free



Applications

Portable Instruments

Battery-Powered Equipment

Notebook Computers

Distributed Power Systems

IP Phones

Digital Cameras

3G/3.5G Data Card




Similar Part No. - RT8055B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055GQW RICHTEK-RT8055GQW Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055ZQW RICHTEK-RT8055ZQW Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
More results


Similar Description - RT8055B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com