Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8015B Datasheet (PDF) - Richtek Technology Corporation

RT8015B Datasheet PDF - Richtek Technology Corporation
Part # RT8015B
Download  RT8015B Download
File Size   457.63 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 2MHz, Synchronous Step-Down Converter

RT8015B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8015B Datasheet PDF - Richtek Technology Corporation

Part # RT8015B
Download  RT8015B Click to download

File Size   457.63 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 2MHz, Synchronous Step-Down Converter

RT8015B Datasheet (HTML) - Richtek Technology Corporation


RT8015B Product details

General Description

The RT8015B is a high efficiency synchronous, step down DC/DC converter. Its input voltage range is from 2.6V to 5.5V and provides an adjustable regulated output voltage from 0.8V to 5V while delivering up to 3A of output current.

The internal synchronous low on resistance power switches increase efficiency and eliminate the need for an external Schottky diode. The switching frequency is set by an external resistor. The 100% duty cycle provides low dropout operation extending battery life in portable systems. Current mode operation with external compensation allows the transient response to be optimized over a wide range of loads and output capacitors.

The RT8015B is operated in forced continuous PWM Mode which minimizes ripple voltage and reduces the noise and RF interference.

The 100% duty cycle in Low Dropout Operation further maximize battery life.

The RT8015B is available in the WDFN-10L 3x3 and SOP-8 (Exposed Pad) packages.



Features

• High Efficiency : Up to 95%

• Low RDS(ON) Internal Switches : 110mΩ

• Programmable Frequency : 300kHz to 2MHz

• No Schottky Diode Required

• 0.8V Reference Allows for Low Output Voltage

• Forced Continuous Mode Operation

• Low Dropout Operation : 100% Duty Cycle

• Power Good Output Voltage Indicator

• RoHS Compliant and Halogen Free



Applications

• Portable Instruments

• Battery-Powered Equipment

• Notebook Computers

• Distributed Power Systems

• IP Phones

• Digital Cameras



 




Similar Part No. - RT8015B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015AGQW RICHTEK-RT8015AGQW Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
More results


Similar Description - RT8015B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com