Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC16 Datasheet (PDF) - Analog Devices

DAC16 Datasheet PDF - Analog Devices
Part # DAC16
Download  DAC16 Download
File Size   190.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit High Speed Current-Output DAC

DAC16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC16 Datasheet PDF - Analog Devices

Part # DAC16
Download  DAC16 Click to download

File Size   190.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit High Speed Current-Output DAC

DAC16 Datasheet (HTML) - Analog Devices


DAC16 Product details

GENERAL DESCRIPTION
The DAC16 is a 16-bit high speed current-output digital-to-analog converter with a settling time of 500 ns. A unique combination of low distortion, high signal-to-noise ratio, and high speed make the DAC16 ideally suited to performing waveform synthesis and modulation in communications, instrumentation, and ATE systems.
   
FEATURES
    ±1 LSB Differential Linearity (max)
    Guaranteed Monotonic Over Temperature Range
    ±2 LSB Integral Linearity (max)
    500 ns Settling Time
    5 mA Full-Scale Output
    TTL/CMOS Compatible
    Low Power: 190 mW (typ)
    Available in Die Form
   
APPLICATIONS
    Communications
    ATE
    Data Acquisition Systems
    High Resolution Displays
   




Similar Part No. - DAC16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results


Similar Description - DAC16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
16-Bit High Speed Current-Output DAC
REV. B
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com