Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5500-4 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE5500-4 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE5500-4
Download  PE5500-4 Download
File Size   82.06 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHORT CICUIT, 3.5mm FEMALE

PE5500-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE5500-4 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE5500-4
Download  PE5500-4 Click to download

File Size   82.06 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHORT CICUIT, 3.5mm FEMALE

PE5500-4 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE5500-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
PE5500-2 PASTERNACK-PE5500-2 Datasheet
85Kb / 1P
OPEN CIRCUIT, 3.5mm FEMALE
PE5500-3 PASTERNACK-PE5500-3 Datasheet
81Kb / 1P
SHORT CIRCUIT, 3,5mm MALE
PE5500-5 PASTERNACK-PE5500-5 Datasheet
82Kb / 1P
BROADBAND LOAD 3.5MM MALE
PE5500-6 PASTERNACK-PE5500-6 Datasheet
82Kb / 1P
BROADBAND LOAD, 3.5MM FEMALE
More results


Similar Description - PE5500-4

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-2 PASTERNACK-PE5500-2 Datasheet
85Kb / 1P
OPEN CIRCUIT, 3.5mm FEMALE
PE5500-6 PASTERNACK-PE5500-6 Datasheet
82Kb / 1P
BROADBAND LOAD, 3.5MM FEMALE
PE9331 PASTERNACK-PE9331 Datasheet
84Kb / 1P
3.5mm FEMALE TO 3.5mm FEMALE PRECISION ADAPTER
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9676 PASTERNACK-PE9676 Datasheet
255Kb / 3P
Precision 3.5mm Female to 3.5mm Female 4 Hole Flange Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9678 PASTERNACK-PE9678 Datasheet
262Kb / 3P
Precision 3.5mm Female to 3.5mm Female Bulkhead Adapter
PE34582 PASTERNACK-PE34582 Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG405/U, 3.5MM MALE TO 3.5MM FEMALE
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com