Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782A Datasheet (PDF) - Emcore Corporation

1782A Datasheet PDF - Emcore Corporation
Part # 1782A
Download  1782A Download
File Size   181.11 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description DWDM High Power CW Source Laser

1782A Datasheet (PDF)

Go To PDF Page Download Datasheet
1782A Datasheet PDF - Emcore Corporation

Part # 1782A
Download  1782A Click to download

File Size   181.11 Kbytes
Page   6 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description DWDM High Power CW Source Laser

1782A Datasheet (HTML) - Emcore Corporation




Similar Part No. - 1782A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782A-NM-040-01FC-PM EMCORE-1782A-NM-040-01FC-PM Datasheet
495Kb / 6P
Monitor Photodiode
1782A-NM-050-01FC-PM EMCORE-1782A-NM-050-01FC-PM Datasheet
495Kb / 6P
Monitor Photodiode
1782A-NM-050-02FC-PM EMCORE-1782A-NM-050-02FC-PM Datasheet
495Kb / 6P
Monitor Photodiode
1782A-NM-063-01FC-PM EMCORE-1782A-NM-063-01FC-PM Datasheet
495Kb / 6P
Monitor Photodiode
1782A-NM-063-02FC-PM EMCORE-1782A-NM-063-02FC-PM Datasheet
495Kb / 6P
Monitor Photodiode
More results


Similar Description - 1782A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
HIGH POWER QUASI-CW LASER DIODE
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
CW LASER DIODES
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
DWDM High Power CW Source Laser
logo
Hamamatsu Corporation
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
High-power Laser Diode CW Stack Bar Module
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
CW laser diodes
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com