Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8933 Datasheet (PDF) - Hamamatsu Corporation

L8933 Datasheet PDF - Hamamatsu Corporation
Part # L8933
Download  L8933 Download
File Size   126.76 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CW LASER DIODES

L8933 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8933 Datasheet PDF - Hamamatsu Corporation

Part # L8933
Download  L8933 Click to download

File Size   126.76 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CW LASER DIODES

L8933 Datasheet (HTML) - Hamamatsu Corporation


L8933 Product details

CW LASER DIODES
High optical power from a single chip

FEATURES
● High optical power & high radiant flux density(CW)
    L8933 series : 0.5 W / 50 µm
    L8446 series : 1 W / 100 µm
    L8763 series : 1 W / 50 µm
    L8828 series : 2 W / 100 µm
● High stability
● Long life
● Compact

APPLICATIONS
● Pumping source for solid state lasers
● Printing
● Medical instrument
● Measuring instrument
● Material Processing
● Marking




Similar Part No. - L8933

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L89 QUECTEL-L89 Datasheet
1Mb / 2P
Compact IRNSS-enabled GNSS Module
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957 Datasheet
111Kb / 2P
Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957 Datasheet
88Kb / 2P
Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
Low cost LED ideal for optical encoders
L8958 HAMAMATSU-L8958 Datasheet
127Kb / 2P
High output power: 1.5 mW,pigtail type
More results


Similar Description - L8933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
CONSTANT CURRENT CW LASER DRIVER
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
logo
Analog Devices
ADN8820 AD-ADN8820_15 Datasheet
293Kb / 9P
EDFA and CW Laser Controller
Rev. PrB
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
CW laser diodes
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
CW Tunable Laser ??Butterfly Package
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
Constant Current CW Laser Driver
1/24/2022
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com