Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8958 Datasheet (PDF) - Hamamatsu Corporation

L8958 Datasheet PDF - Hamamatsu Corporation
Part # L8958
Download  L8958 Download
File Size   127.2 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description High output power: 1.5 mW,pigtail type

L8958 Datasheet (PDF)

Go To PDF Page Download Datasheet
L8958 Datasheet PDF - Hamamatsu Corporation

Part # L8958
Download  L8958 Click to download

File Size   127.2 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description High output power: 1.5 mW,pigtail type

L8958 Datasheet (HTML) - Hamamatsu Corporation


L8958 Product details

Laser diode

High output power: 1.5 mW, pigtail type

Features
● High output power: 1.5 mW
● High-speed response: 1.25 Gbps Max.
● 1.3 µm FP (Fabry-perot) laser

Applications
● Optical fiber communications




Similar Part No. - L8958

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957 Datasheet
111Kb / 2P
Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957 Datasheet
88Kb / 2P
Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
Low cost LED ideal for optical encoders
More results


Similar Description - L8958

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV.0
logo
List of Unclassifed Man...
LFO-17-IP ETC1-LFO-17-IP Datasheet
193Kb / 2P
CW output power > 2.0 mW
LFO-18-I ETC1-LFO-18-I Datasheet
162Kb / 2P
CW output power > 0.8 mW
LFO-14-I ETC1-LFO-14-I Datasheet
106Kb / 2P
CW output power > 0.8 mW
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Communications & Power ...
SFD369 CPI-SFD369 Datasheet
340Kb / 1P
1.5 MW, C -band coaxial magnetron
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
1.5 WATTS REGULATED OUTPUT POWER
logo
California Eastern Labs
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
logo
Analog Devices
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com