Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250 Datasheet (PDF) - Analog Devices

SSM2250 Datasheet PDF - Analog Devices
Part # SSM2250
Download  SSM2250 Download
File Size   287.27 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 1.5 W/Stereo 250 mW Power Amplifier

SSM2250 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2250 Datasheet PDF - Analog Devices

Part # SSM2250
Download  SSM2250 Click to download

File Size   287.27 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mono 1.5 W/Stereo 250 mW Power Amplifier

SSM2250 Datasheet (HTML) - Analog Devices


SSM2250 Product details

GENERAL DESCRIPTION
The SSM2250 is intended for use in desktop computers that have basic audio functions. It is also ideal for any audio system that needs to provide both an internal monaural speaker and a stereo line or headphone output. Combined with an AC97 codec, it provides a PC audio system that meets the PC99 requirements. The SSM2250 is compact and requires a minimum of external components.

FEATURES
    Part of SoundMAX® audio solution for desktop computers
    Mono 1.5 W differential or stereo 250 mW output
    Single-supply operation: 2.7 V to 6 V
    Low shutdown current = 60 μA
    PC99 compliant
    Low distortion: 0.2% THD at 1.5 W
    Wide bandwidth: 4 MHz
    Unity-gain stable

APPLICATIONS
    Desktop, portable, and palmtop computers
    Sound cards
    Communication headsets
    2-way communications
    Hand-held games




Similar Part No. - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-R2 AD-SSM2250RM-R2 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-REEL AD-SSM2250RM-REEL Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-R21 AD-SSM2250RMZ-R21 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-REEL AD-SSM2250RMZ-REEL Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
More results


Similar Description - SSM2250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com