Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 1 Page - Analog Devices

  SSM2250 Datasheet HTML 1Page - Analog Devices SSM2250 Datasheet HTML 2Page - Analog Devices SSM2250 Datasheet HTML 3Page - Analog Devices SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
SSM2250
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Mono 1.5 W/Stereo 250 mW
Power Amplifier
PIN CONFIGURATIONS
10-Lead MSOP
(RM Suffix)
RIGHT IN
RIGHT OUT
56
GND
BYPASS
47
LEFT IN
SHUTDOWN
LEFT OUT/BTL–
VDD
1
2
3
10
9
8
BTL+
SSM2250
SE/BTL
FEATURES
Part of SoundMax® Audio Solution for Desktop Computers
Mono 1.5 W Differential or Stereo 250 mW Output
Single-Supply Operation: 2.7 V to 6 V
Low Shutdown Current = 60
A
PC 99 Compliant
Low Distortion: 0.2% THD at 1.5 W
Wide Bandwidth: 4 MHz
Unity-Gain Stable
APPLICATIONS
Desktop, Portable or Palmtop Computers
Sound Cards
Communication Headsets
2-Way Communications
Handheld Games
GENERAL DESCRIPTION
The SSM2250 is intended for use in desktop computers that have
basic audio functions. It is also ideal for any audio system that needs
to provide both an internal monaural speaker and a stereo line or
headphone output. Combined with an AC’97 Codec it provides a
PC audio system that meets the PC 99 requirements. The SSM2250
is compact and requires a minimum of external components.
The SSM2250 features an audio amplifier capable of delivering
1.5 W of low distortion power into a mono 4
Ω bridged-tied load
(BTL) or 2
90 mW into stereo 32
Ω single-ended load (SE)
headphones. Both amplifiers provide rail-to-rail outputs for maxi-
mum dynamic range from a single supply. The balanced output
provides maximum output from 5 V supply and eliminates the
need for a coupling capacitor.
The SSM2250 can automatically switch between an internal
mono speaker and external headphones. The device can run from
a single supply, ranging from 2.7 V to 6 V, with an active supply
current of 9 mA typical. The ability to shut down the amplifiers,
(60
µA shutdown current) makes the SSM2250 an ideal speaker
amplifier for battery-powered applications.
The SSM2250 is specified over the industrial (–40
°C to +85°C)
temperature range. It is available in 14-lead TSSOP and 10-lead
MSOP surface mount packages.
LEFT IN
LEFT SE/
MONO BTL
OUT–
MONO BTL
OUT+
RIGHT
SE OUT
VDD
RIGHT IN
BYPASS
CAP
VDD
CLICK AND POP
REDUCTION
BIAS
VDD
GND
SHUT-
DOWN
SWITCHING
CIRCUITRY
BTL/SE
SELECT
A1
A2
A3
Figure 1. Functional Block Diagram
SoundMax is a registered trademark of Analog Devices, Inc.
14-Lead TSSOP
(RU Suffix)
NC
LEFT IN
SHUTDOWN
GND
RIGHT IN
NC
LEFT OUT/BTL
VDD
BTL
NC
RIGHT OUT
NC
BYPASS
114
78
SSM2250
NC = NO CONNECT
SE/BTL


Similar Part No. - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-R2 AD-SSM2250RM-R2 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RM-REEL AD-SSM2250RM-REEL Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-R21 AD-SSM2250RMZ-R21 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250RMZ-REEL AD-SSM2250RMZ-REEL Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
More results

Similar Description - SSM2250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com