Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP-492 Datasheet (PDF) - Analog Devices

OP-492 Datasheet PDF - Analog Devices
Part # OP-492
Download  OP-492 Download
File Size   679.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER

OP-492 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP-492 Datasheet PDF - Analog Devices

Part # OP-492
Download  OP-492 Click to download

File Size   679.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER

OP-492 Datasheet (HTML) - Analog Devices


OP-492 Product details

GENERAL DESCRIPTION
The OP292/OP492 are low cost, general purpose dual and quad operational amplifiers designed for single-supply applications and are ideal for +5 olt systems.

FEATURES
   Single-Supply Operation: 4.5 V to 33 V
   Input Common-Mode Includes Ground
   Output Swings to Ground
   High Slew Rate: 3 V/μs
   High Gain Bandwidth: 4 MHz
   Low Input Offset Voltage
   High Open-Loop Gain
   No Phase Inversion
   Low Cost

APPLICATIONS
   Disk Drives
   Mobile Phones
   Servo Controls
   Modems and Fax Machines
   Pagers
   Power Supply Monitors and Controls
   Battery-Operated Instrumentation




Similar Part No. - OP-492

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-497 AD-OP-497 Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
OP-497AY AD-OP-497AY Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
OP-497BRC/883 AD-OP-497BRC/883 Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
OP-497BY AD-OP-497BY Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
OP-497CY AD-OP-497CY Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
More results


Similar Description - OP-492

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
logo
Analog Devices
OP292 AD-OP292 Datasheet
686Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
New Japan Radio
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
493Kb / 8P
Single Power Supply Quad Operational Amplifier
2019.1.17
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com