Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6008-75 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6008-75 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6008-75
Download  PE6008-75 Download
File Size   77.11 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE: DC1 GHz

PE6008-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6008-75 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6008-75
Download  PE6008-75 Click to download

File Size   77.11 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE: DC1 GHz

PE6008-75 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6008-75

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6008-50 PASTERNACK-PE6008-50 Datasheet
76Kb / 1P
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE:DC1 GHz
More results


Similar Description - PE6008-75

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6008-50 PASTERNACK-PE6008-50 Datasheet
76Kb / 1P
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE:DC1 GHz
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6101 PASTERNACK-PE6101 Datasheet
84Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4GHz
PE6142-75 PASTERNACK-PE6142-75 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz
PE6156 PASTERNACK-PE6156 Datasheet
78Kb / 1P
BNC MALE TERMINATION
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE8500 PASTERNACK-PE8500 Datasheet
252Kb / 1P
BNC FEMALE, SMA MALE NOISE GENERATOR, FREQUENCY RANGE: 1 TO 2 GHz
PE8502 PASTERNACK-PE8502 Datasheet
252Kb / 1P
BNC FEMALE, SMA MALE NOISE GENERATOR, FREQUENCY RANGE : 4 TO 8 GHz
PE8504 PASTERNACK-PE8504 Datasheet
252Kb / 1P
BNC FEMALE, SMA MALE NOISE GENERATOR FREQUENCY RANGE 12 TO 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com