Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6142-75 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6142-75 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6142-75
Download  PE6142-75 Download
File Size   78.41 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz

PE6142-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6142-75 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6142-75
Download  PE6142-75 Click to download

File Size   78.41 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz

PE6142-75 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6142-75

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6142-50 PASTERNACK-PE6142-50 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1GHz
More results


Similar Description - PE6142-75

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6008-50 PASTERNACK-PE6008-50 Datasheet
76Kb / 1P
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE:DC1 GHz
PE6008-75 PASTERNACK-PE6008-75 Datasheet
77Kb / 1P
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE: DC1 GHz
PE6033 PASTERNACK-PE6033 Datasheet
108Kb / 1P
N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
PE6079 PASTERNACK-PE6079 Datasheet
112Kb / 1P
SMA FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 26.5 GHz
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6099 PASTERNACK-PE6099 Datasheet
84Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6142-50 PASTERNACK-PE6142-50 Datasheet
78Kb / 1P
TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1GHz
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com